Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8509PDW25R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8509PDW25R2G
Description  Sequenced Linear Dual-Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509PDW25R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8509PDW25R2G Datasheet HTML 4Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 5Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 6Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 7Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 8Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 9Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 10Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 11Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCV8509 Series
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
−40
7.5
TEMPERATURE (°C)
−20
20
40
60
0
0
CDelay (nF)
20
40
60
80
100
120
140
Figure 20. Reset Delay Time versus
Temperature
Figure 21. Reset Delay Time versus CDelay
120
8.0
8.5
9.0
9.5
10
160
5
15
20
25
10
40
0
0
CSLEW (nF)
10
40
50
60
0
CSlew (nF)
30
40
50
60
70
80
90
Figure 22. Slew Rate versus CSlew
Figure 23. Slew Rate versus CSlew
100
500
1000
1500
2000
2500
5 V
100
100
200
300
500
700
800
0
80
100
30
35
20
30
70
80
90
3.3 V
2.6 V
2.5 V
1.8 V
400
600
5 V
3.3 V
2.6 V
2.5 V
1.8 V
0
0
OUTPUT CURRENT (mA)
150
300
450
125
25
50
75
3.3 V/1.8 V
5 V/2.6 V
0
0
OUTPUT CURRENT (mA)
8
16
2
4
6
8
10
12
141618
Figure 24. VOUT1 Dropout Voltage
Figure 25. Quiescent Current vs. VIN1
100
250
400
50
200
350
100
5 V/2.5 V
6
14
4
12
2
10
3.3 V/1.8 V
5 V/2.6 V
5 V/2.5 V
Iout1 = Iout2 = 50 mA


Similar Part No. - NCV8509PDW25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509PDW25R2G ONSEMI-NCV8509PDW25R2G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
More results

Similar Description - NCV8509PDW25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
logo
HTC Korea TAEJIN Techno...
TJ5631 HTC-TJ5631 Datasheet
187Kb / 8P
   Dual Channel Fixed Voltage Linear Regulator
logo
ON Semiconductor
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com