Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8502D25R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8502D25R2G
Description  Micropower 150 mA LDO Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502D25R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8502D25R2G Datasheet HTML 1Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 2Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 3Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 4Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 5Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 6Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 7Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 8Page - ON Semiconductor NCV8502D25R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV8502 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (IOUT = 1.0 mA; −40°C ≤ TJ ≤ 150°C; VIN = dependent on voltage option (Note 4);
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Short Circuit Output Current
VOUT = 0 V
40
190
mA
Thermal Shutdown
(Guaranteed by Design)
150
180
°C
Reset Function (RESET)
RESET Threshold for 2.5 V Option
HIGH (VRH)
LOW (VRL)
5.5 V ≤ VIN ≤ 26 V (Note 5)
VOUT Increasing
VOUT Decreasing
2.28
2.25
2.350
2.300
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 3.3 V Option
HIGH (VRH)
LOW (VRL)
5.5 V ≤ VIN ≤ 26 V (Note 5)
VOUT Increasing
VOUT Decreasing
3.00
2.97
3.102
3.036
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 5.0 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
4.55
4.50
4.70
4.60
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 8.0 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
7.05
7.00
7.52
7.36
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 10 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
8.60
8.50
9.40
9.20
0.98 × VOUT
0.97 × VOUT
V
V
Output Voltage
Low (VRLO)
1.0 V ≤ VOUT ≤ VRL, RRESET = 10 k
0.1
0.4
V
DELAY Switching Threshold (VDT)
1.4
1.8
2.2
V
DELAY Low Voltage
VOUT < RESET Threshold Low(min)
0.1
V
DELAY Charge Current
DELAY = 1.0 V, VOUT > VRH
1.5
2.5
3.5
mA
DELAY Discharge Current
DELAY = 1.0 V, VOUT = 1.5 V
5.0
mA
Reset Adjust Switching Voltage
(VR(ADJ))
1.23
1.31
1.39
V
FLAG/Monitor
Monitor Threshold
Increasing and Decreasing
1.10
1.20
1.31
V
Hysteresis
20
50
100
mV
Input Current
MON = 2.0 V
−0.5
0.1
0.5
mA
Output Saturation Voltage
MON = 0 V, IFLAG = 1.0 mA
0.1
0.4
V
Voltage Adjust (Adjustable Output only)
Input Current
VADJ = 1.28 V
−0.5
0.5
mA
4. Voltage range specified in Output Stage of the Electrical Characteristics in boldface type.
5. For VIN ≤ 5.5 V, a RESET = Low may occur with the output in regulation.


Similar Part No. - NCV8502D25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502D25R2G ONSEMI-NCV8502D25R2G Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results

Similar Description - NCV8502D25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com