Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8509 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8509
Description  Sequenced Linear Dual-Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8509_08 Datasheet HTML 2Page - ON Semiconductor NCV8509_08 Datasheet HTML 3Page - ON Semiconductor NCV8509_08 Datasheet HTML 4Page - ON Semiconductor NCV8509_08 Datasheet HTML 5Page - ON Semiconductor NCV8509_08 Datasheet HTML 6Page - ON Semiconductor NCV8509_08 Datasheet HTML 7Page - ON Semiconductor NCV8509_08 Datasheet HTML 8Page - ON Semiconductor NCV8509_08 Datasheet HTML 9Page - ON Semiconductor NCV8509_08 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCV8509 Series
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
−40°C
0
0
IOUT1 (mA)
510
15
20
0
0
IOUT1 (mA)
10
20
30
40
50
60
70
80
90
Figure 9. IQ versus IOUT1
Figure 10. IQ versus IOUT1
25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
125°C
25°C
100
2
4
6
8
10
12
−40°C
125°C
25°C
−40°C
0
0
IOUT2 (mA)
510
15
20
0
0
IOUT2 (mA)
10
20
30
40
50
60
70
80
90
Figure 11. IQ versus IOUT2
Figure 12. IQ versus IOUT2
25
0.2
0.4
0.6
0.8
1.0
1.2
125°C
25°C
100
0.5
1.0
1.5
2.0
2.5
3.0
−40°C
125°C
25°C
−40°C
0
0
IOUT1, IOUT2 (mA)
510
15
20
0
0
IOUT1, IOUT2 (mA)
10
20
30
40
50
60
70
80
90
Figure 13. IQ versus IOUT
(VOUT1 & VOUT2)
Figure 14. IQ versus IOUT
(VOUT1 & VOUT2)
25
0.5
1.0
1.5
2.0
2.5
125°C
25°C
100
2
4
6
8
12
−40°C
125°C
25°C
10
14


Similar Part No. - NCV8509_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
More results

Similar Description - NCV8509_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
logo
HTC Korea TAEJIN Techno...
TJ5631 HTC-TJ5631 Datasheet
187Kb / 8P
   Dual Channel Fixed Voltage Linear Regulator
logo
ON Semiconductor
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com