Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIFA120-T02-1 Datasheet(PDF) 1 Page - Vitec Power

Part # SIFA120-T02-1
Description  120W Open Frame Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIFA120-T02-1 Datasheet(HTML) 1 Page - Vitec Power

  SIFA120-T02-1 Datasheet HTML 1Page - Vitec Power SIFA120-T02-1 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIFA120 SERIES
120W Open Frame Power Supply for Industrial Equipment
Wide Input Voltage 90 to 260 VAC, 47 to 63 Hz
Single to Triple Output
Input Surge Current, Over Voltage and Over Load protection
Operating temperature -20~70°C
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp
terminal
Output connector mates with Molex housing 09-50-3131and Molex 2478 series crimp
terminal
Size: 3"x5"x1.32"
Class I Insulation
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Output Current
Total Regulation
Max. Output Power
SIFA120-S01
03 ~05 VDC
22.00 ~ 20.00A
5%
100W
SIFA120-S02
05 ~06 VDC
22.00 ~ 18.33A
5%
110W
SIFA120-S03
06 ~09 VDC
19.16 ~ 12.77A
5%
115W
SIFA120-S04
09 ~11 VDC
13.33 ~ 10.90A
4%
120W
SIFA120-S05
11 ~ 13 VDC
10.90 ~ 9.23A
3%
120W
SIFA120-S06
13 ~ 16 VDC
9.23 ~ 7.50A
3%
120W
SIFA120-S07
16 ~ 21 VDC
7.50 ~ 5.71A
3%
120W
SIFA120-S08
21 ~ 27 VDC
5.71 ~ 4.44A
2%
120W
SIFA120-S09
27 ~ 33 VDC
4.44 ~ 3.63A
2%
120W
SIFA120-S10
33 ~ 40 VDC
3.63 ~ 3.00A
2%
120W
SIFA120-S11
40 ~ 50 VDC
3.00 ~ 2.40A
2%
120W
Multi Output
Part Number
Output 1
Output 2
Output 3
Max. Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
SIFA120-D00
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
120W
SIFA120-D01
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
120W
SIFA120-D02
+5V
1.5A
15A
5%
+15V
0.6A
6A
5%
120W
SIFA120-D03
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
120W
SIFA120-D04
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
79.5W
SIFA120-D15
+5V
1.5A
15A
5%
-24V
0.2A
2A
5%
120W
SIFA120-D19
+28V
0.4A
3.92A
5%
+5V
0A
2A
5%
120W
SIFA120-T00
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
-12V
0A
0.8A
5%
120W
SIFA120-T00-1
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
+12V
0A
0.8A
5%
120W
SIFA120-T01
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
-5V
0A
0.8A
5%
120W
SIFA120-T01-1
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
SIFA120-T02
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
-12V
0A
0.8A
5%
120W
SIFA120-T02-1
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
+12V
0A
0.8A
5%
120W
SIFA120-T03
+5V
1.5A
15A
5%
+15V
1.0A
6A
5%
-15V
0A
0.8A
5%
120W
SIFA120-T03-1
+5V
1.5A
15A
5%
+15V
1.0A
6A
5%
+15V
0A
0.8A
5%
120W
SIFA120-T04
+5V
1.5A
15A
5%
+24V
0.45A
3.5A
5%
-24V
0.25A
0.8A
5%
120W
SIFA120-T04-1
+5V
1.5A
15A
5%
+24V
0.45A
3.5A
5%
+24V
0.25A
0.8A
5%
120W
SIFA120-T05
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
-12V
0A
0.8A
5%
120W
SIFA120-T05-1
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
+12V
0A
0.8A
5%
120W
SIFA120-T06
+3.3V
1.5A
15A
5%
+12V
0.8A
6A
5%
-5V
0A
0.8A
5%
120W
SIFA120-T06-1
+3.3V
1.5A
15A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
SIFA120-T07
+5V
1.5A
15A
5%
+10V
0.6A
6A
5%
-10V
0A
1.0A
5%
120W
SIFA120-T07-1
+5V
1.5A
15A
5%
+10V
0.6A
6A
5%
+10V
0A
1.0A
5%
120W
SIFA120-T08
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
-12V
0A
1.0A
5%
91.5W
SIFA120-T08-1
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
+12V
0A
1.0A
5%
91.5W


Similar Part No. - SIFA120-T02-1

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA120-T02-1 Vitec-SIFA120-T02-1 Datasheet
425Kb / 2P
   120W Open Frame Power Supply for Industrial Equipment
More results

Similar Description - SIFA120-T02-1

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA120 Vitec-SIFA120 Datasheet
425Kb / 2P
   120W Open Frame Power Supply for Industrial Equipment
SMFA120-SERIES Vitec-SMFA120-SERIES Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
STFA120-SERIES Vitec-STFA120-SERIES Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
SMFA120 Vitec-SMFA120 Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
STFA120 Vitec-STFA120 Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
   120W Open Frame Power Supply
logo
Vitec Power
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA58 Vitec-SIFA58 Datasheet
369Kb / 2P
   60W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com