Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA48L02F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA48L02F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48L02F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA48L02F Datasheet HTML 1Page - Toshiba Semiconductor TA48L02F Datasheet HTML 2Page - Toshiba Semiconductor TA48L02F Datasheet HTML 3Page - Toshiba Semiconductor TA48L02F Datasheet HTML 4Page - Toshiba Semiconductor TA48L02F Datasheet HTML 5Page - Toshiba Semiconductor TA48L02F Datasheet HTML 6Page - Toshiba Semiconductor TA48L02F Datasheet HTML 7Page - Toshiba Semiconductor TA48L02F Datasheet HTML 8Page - Toshiba Semiconductor TA48L02F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TA48L018,02,025,03,033,05F
2004-07-01
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA48L018F, TA48L02F, TA48L025F,
TA48L03F, TA48L033F, TA48L05F
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V
Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
The TA48L**F series consists of fixed-positive-output,
low-dropout regulators with an output current of 1 A (max) that
utilize V-PNP transistors for the output stage. In response to the
need for low-voltage and low-power dissipation devices for use in
consumer electronics and industrial appliances, the series offers
devices with low output voltages: 1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V.
Features
Maximum output current: 0.15 A
Output voltage accuracy: VOUT ± 3% (@Tj = 25°C)
Low standby current: 400 µA (typ.) (@IOUT = 0 A)
Low-dropout voltage: VD = 0.5 V (max) (@IOUT = 100 mA)
Protection function: overheat/overcurrent
Package type: PW-MINI (SOT-89) package
Pin Assignment/Marking
Part No.
(or abbreviation code)
Part No.
AI
TA48L018F
BI
TA48L02F
CI
TA48L025F
DI
TA48L03F
EI
TA48L033F
*1
FI
TA48L05F
Weight: 0.05 g (typ.)
A
I
Part No.
(or abbreviation code) *1
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot No.
(weekly code)
2
3
1
3
1: IN
2: OUT
3: GND


Similar Part No. - TA48L02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L02F TOSHIBA-TA48L02F Datasheet
226Kb / 10P
   Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
More results

Similar Description - TA48L02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
   Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com