Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIUA61-S08 Datasheet(PDF) 2 Page - Vitec Power

Part # SIUA61-S08
Description  63W U-Bracket Power Supply for Industrial Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA61-S08 Datasheet(HTML) 2 Page - Vitec Power

  SIUA61-S08 Datasheet HTML 1Page - Vitec Power SIUA61-S08 Datasheet HTML 2Page - Vitec Power SIUA61-S08 Datasheet HTML 3Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIUA61-Q02-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SIUA61-Q02-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SIUA61-Q03
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SIUA61-Q03-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SIUA61-Q03-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SIUA61-Q03-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SIUA61-Q04
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA61-Q04-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA61-Q04-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA61-Q04-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Universal Input Voltage
90
264
VAC
106
350
VAC
Operating Voltage
81
280
VAC
90
420
VAC
Input Frequency
47
400
Hz
Output Power Range
Vin=Operating Voltage
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.8
A
Low Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full load, Vin=230VAC
70
80
88
%
Line Regulation
Io=Full load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full load to Half Load, Vin=S00VAC
5
mS
Hold-Up Time
Io=Full load, Vin=1S0VAC
16
mS
Start Up Time
Io=Full load, Vin=S00VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full load, Vin=240VAC
0.4
0.45
mA
Temperature Coefficient
All output
-0.05
0.05
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN Out
PIN CHART
PIN
MODEL
1
2
3
4
5
SIUA61-SXX
OUT
OUT
OUT
RTN
RTN
SIUA61-DXX
Vo2
Vo1
COM
N/C
N/C
SIUA61-D15
N/C
Vo1
COM
Vo3
N/C
SIUA61-TXX
Vo2
Vo1
COM
Vo3
N/C
SIUA61-QXX
Vo2
Vo1
COM
Vo3
Vo4
PFD (Optional)
Other Connector
1
2
OUT
RTN
OUT
RTN
OUT
RTN
OUT
RTN
OUT
RTN
Note:
1.Dimensions are shown in mm.
2.Weight: 425gs approx.
3.Input connector mates with screw terminal
(DINKLE#ESK750V-03P)(10-24AWG)
4.Output connector mates with screw terminal
(DINKLE#ESK750V-05P)(10-24AWG)
Note: Vo1:Output#1 Vo2:Output#2 Vo3:Output#3
Vo4:Output#4


Similar Part No. - SIUA61-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA61-S08 Vitec-SIUA61-S08 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
More results

Similar Description - SIUA61-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63 Vitec-SIUA63 Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63-SERIES Vitec-SIUA63-SERIES Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61 Vitec-SIUA61 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA60 Vitec-SIUA60 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA62 Vitec-SIUA62 Datasheet
631Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA62-SERIES Vitec-SIUA62-SERIES Datasheet
631Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA61-SERIES Vitec-SMUA61-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com