Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TA48L018F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TA48L018F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TA48L018F Datasheet(HTML) 4 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA48L018,02,025,03,033,05F
2004-07-01
4
TA48L025F
Electrical Characteristics
(CIN = 0.33 µF, COUT = 3.3 µF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 4.5 V, IOUT = 40 mA
2.425
2.5
2.575
Output voltage
VOUT
3.5 V <
= VIN <= 12 V, 5 mA <= IOUT <= 100
mA, 0°C <
= Tj <= 125°C
2.375
2.5
2.625
V
Line regulation
Reg · line
3.5 V <
= VIN <= 12 V, IOUT = 40 mA
2
20
mV
Load regulation
Reg · load
VIN = 4.5 V, 5 mA <
= IOUT <= 150 mA
18
40
mV
3.5 V <
= VIN <= 12 V, IOUT = 0 A
0.4
0.8
Quiescent current
IB
3.5 V <
= VIN <= 12 V, IOUT = 100 mA
1
5
mA
VIN = 2.4 V, IOUT = 0 A
0.5
1.5
Starting quiescent current
IBstart
VIN = 2.4 V, IOUT = 100 mA
7
20
mA
Output noise voltage
VNO
VIN = 4.5 V, IOUT = 40 mA,
10 Hz <
= f <= 100 kHz
65
µVrms
Ripple rejection
R.R.
3.5 V <
= VIN <= 12 V, IOUT = 40 mA,
f
= 120 Hz
52
70
dB
IOUT = 40 mA
0.16
0.35
Dropout voltage
VD
IOUT = 100 mA
0.27
0.5
V
Average temperature coefficient of
output voltage
TCVO
VIN = 4.5 V, IOUT = 5 mA,
0°C <
= Tj <= 125°C
0.45
mV/°C
TA48L03F
Electrical Characteristics
(CIN = 0.33 µF, COUT = 3.3 µF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 5.0 V, IOUT = 40 mA
2.91
3.0
3.09
Output voltage
VOUT
4.0 V <
= VIN <= 12 V, 5 mA <= IOUT <= 100
mA, 0°C <
= Tj <= 125°C
2.85
3.0
3.15
V
Line regulation
Reg · line
4.0 V <
= VIN <= 12 V, IOUT = 40 mA
2
20
mV
Load regulation
Reg · load
VIN = 5.0 V, 5 mA <
= IOUT <= 150 mA
18
40
mV
4.0 V <
= VIN <= 12 V, IOUT = 0 A
0.4
0.8
Quiescent current
IB
4.0 V <
= VIN <= 12 V, IOUT = 100 mA
1
5
mA
VIN = 2.8 V, IOUT = 0 A
0.5
1.5
Starting quiescent current
IBstart
VIN = 2.8 V, IOUT = 100 mA
7
20
mA
Output noise voltage
VNO
VIN = 5.0 V, IOUT = 40 mA,
10 Hz <
= f <= 100 kHz
80
µVrms
Ripple rejection
R.R.
4.0 V <
= VIN <= 12 V, IOUT = 40 mA,
f
= 120 Hz
50
68
dB
IOUT = 40 mA
0.16
0.35
Dropout voltage
VD
IOUT = 100 mA
0.27
0.5
V
Average temperature coefficient of
output voltage
TCVO
VIN = 5 V, IOUT = 5 mA,
0°C <
= Tj <= 125°C
0.5
mV/°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn