Electronic Components Datasheet Search |
|
SIFA63-S01 Datasheet(PDF) 1 Page - Vitec Power |
|
SIFA63-S01 Datasheet(HTML) 1 Page - Vitec Power |
1 / 3 page SIFA63 SERIES 63W Open Frame Power Supply for Industrial Equipment – Wide Input Voltage81 to 275 VAC, 47 to 400 Hz or 90 to 300VDC – Single to Quad Output – Molex connecter (2 pin) – Output Voltage Available from 3VDC through 48VDC – Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal. – Output connector mates with Molex housing 09-50-3081 and Molex 2478 series crimp terminal. – Class I Insulation – Operating temperature -20~70℃ – Size: 3"x5"x1.1" – Power Fail Detect (Optional) 3 Year Warranty Approvals: Single Output Product Number Output Voltage Output Current Total Regulation Maximum Output Power SIFA63-S01 3 - 5 VDC 16.66 - 10.0 A 5% 50W SIFA63-S02 5 - 6 VDC 11.0 - 9.16 A 5% 55W SIFA63-S03 6 - 8 VDC 10.0 - 7.50 A 4% 60W SIFA63-S04 8 - 11 VDC 7.87 - 5.72 A 3% 63W SIFA63-S05 11 - 13 VDC 5.72 - 4.84 A 3% 63W SIFA63-S05-1 11 - 13 VDC 4.09 - 3.46 A 3% 45W SIFA63-S06 13 - 16 VDC 4.84 - 3.93 A 3% 63W SIFA63-S07 16 - 21 VDC 3.93 - 3.00 A 3% 63W SIFA63-S08 21 - 27 VDC 3.00 - 2.33 A 2% 63W SIFA63-S09 27 - 33 VDC 2.33 - 1.90 A 2% 63W SIFA63-S10 33 - 40 VDC 1.90 - 1.57 A 2% 63W SIFA63-S11 40 - 48 VDC 1.57 - 1.31 A 2% 63W Multi Output Product Number Output #1 Output #2 Output #3 Output #4 Maximum Output Power Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax SIFA63-D00 +3.3V 1.4A 7A 7% +12V 0.6A 3A 5% 59.1W SIFA63-D01 +5V 0.7A 7A 5% +12V 0.3A 3A 5% 63W SIFA63-D02 +5V 0.7A 7A 5% +15V 0.3A 3A 5% 63W SIFA63-D03 +5V 0.7A 7A 5% +24V 0.4A 2A 5% 63W SIFA63-D04 +3.3V 1.4A 7A 7% +5V 0.5A 5A 5% 48.1W SIFA63-D15 +5V 0.7A 7A 5% -24V 0.2A 2A 5% 63W SIFA63-T00 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -12V 0A 0.8A 5% 63W SIFA63-T00-1 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +12V 0A 0.8A 5% 63W SIFA63-T01 +5V 0.6A 6A 5% +12V 0.3A 3A 5% -5V 0A 0.8A 5% 63W SIFA63-T01-1 +5V 0.6A 6A 5% +12V 0.3A 3A 5% +5V 0A 0.8A 5% 63W SIFA63-T02 +5V 0.6A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% 63W SIFA63-T02-1 +5V 0.6A 6A 5% +12V 0.6A 3A 5% +12V 0A 0.8A 5% 63W SIFA63-T03 +5V 0.6A 6A 5% +15V 0.3A 3A 5% -15V 0A 0.8A 5% 63W SIFA63-T03-1 +5V 0.6A 6A 5% +15V 0.3A 3A 5% +15V 0A 0.8A 5% 63W SIFA63-T05 +5V 1.2A 6A 5% +24V 0.4A 2A 5% -12V 0A 0.8A 5% 63W SIFA63-T05-1 +5V 1.2A 6A 5% +24V 0.4A 2A 5% +12V 0A 0.8A 5% 63W SIFA63-T06 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -5V 0A 0.8A 5% 59.8W SIFA63-T06-1 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +5V 0A 0.8A 5% 59.8W SIFA63-T08 +3.3V 0.5A 5A 7% +5V 0.5A 5A 5% -12V 0A 1A 5% 53.5W SIFA63-T08-1 +3.3V 0.5A 5A 7% +5V 0.5A 5A 5% +12V 0A 1A 5% 53.5W SIFA63-Q00 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SIFA63-Q00-1 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SIFA63-Q00-2 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SIFA63-Q00-3 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SIFA63-Q01 +5V 0.6A 6A 5% +12V 0.3A 3A 5% -12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SIFA63-Q01-1 +5V 0.6A 6A 5% +12V 0.3A 3A 5% -12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SIFA63-Q01-2 +5V 0.6A 6A 5% +12V 0.3A 3A 5% +12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SIFA63-Q01-3 +5V 0.6A 6A 5% +12V 0.3A 3A 5% +12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SIFA63-Q02 +5V 1.2A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% -12V 0A 0.8A 5% 63W |
Similar Part No. - SIFA63-S01 |
|
Similar Description - SIFA63-S01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |