Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP60N06-18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUP60N06-18
Description  N-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP60N06-18 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUP60N06-18 Datasheet HTML 1Page - Vishay Siliconix SUP60N06-18 Datasheet HTML 2Page - Vishay Siliconix SUP60N06-18 Datasheet HTML 3Page - Vishay Siliconix SUP60N06-18 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUP/SUB60N06-18
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70290
S–57253—Rev. D, 24-Feb-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ – Junction Temperature (_C)
VSD – Source-to-Drain Voltage (V)
0
0.4
0.8
1.2
1.6
2.0
2.4
–50
–25
0
25
50
75
100
125
150
175
100
10
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 30 A
TJ = 25_C
TJ = 150_C
THERMAL RATINGS
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–5
10–4
10–3
10–2
10–1
1
3
Safe Operating Area
Maximum Avalanche and Drain Current
vs. Case Temperature
TC – Case Temperature (_C)
VDS – Drain-to-Source Voltage (V)
100
200
10
0.1
0.1
1
10
100
0
10
20
30
40
50
60
70
0
20
40
60
80
100
120
140
160
180
0.2
0.1
0.02
Duty Cycle = 0.5
100
ms
1 ms
10 ms
100 ms
dc
TC = 25_C
Single Pulse
Limited
by rDS(on)
1
0.05
Single Pulse
10
ms


Similar Part No. - SUP60N06-18

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUP60N06-18-E3 VBSEMI-SUP60N06-18-E3 Datasheet
981Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SUP60N06-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUP85N06 VISHAY-SUP85N06 Datasheet
49Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. C, 22-Apr-02
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
SUM75N06-09L VISHAY-SUM75N06-09L Datasheet
44Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
SUP75N06-07L VISHAY-SUP75N06-07L Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. F, 10-Dec-00
SUP70N06-14 VISHAY-SUP70N06-14 Datasheet
56Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
SUM110N06-05L VISHAY-SUM110N06-05L Datasheet
73Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 29-Dec-03
SUM60N06-15 VISHAY-SUM60N06-15 Datasheet
63Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 24-Nov-03
SUM110N06-3M4L VISHAY-SUM110N06-3M4L Datasheet
182Kb / 3P
   N-Channel 60-V (D-S) 175C MOSFET
02-Jul-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com