Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUU10P06-280L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUU10P06-280L
Description  P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUU10P06-280L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUU10P06-280L Datasheet HTML 1Page - Vishay Siliconix SUU10P06-280L Datasheet HTML 2Page - Vishay Siliconix SUU10P06-280L Datasheet HTML 3Page - Vishay Siliconix SUU10P06-280L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD/SUU10P06-280L
Vishay Siliconix
Document Number: 70780
S-20349—Rev. F, 18-Apr-02
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
3
6
9
12
15
18
04
8
12
16
20
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
0
6
12
18
24
30
0
2468
10
0
4
8
12
16
20
0
4
8
12
162024
0.0
0.3
0.6
0.9
1.2
0
2468
10
0
2
4
6
8
10
0
1234
5
25
_C
–55
_C
TC = 125_C
VDS = 20 V
ID = 10 A
VGS = 10 thru 7 V
VGS = 4.5 V
Crss
TC = –55_C
25
_C
125
_C
3 V
4 V
5 V
6 V
VGS = 10 V
0
200
400
600
800
1000
0
102030
405060
Ciss
Coss
ID – Drain Current (A)


Similar Part No. - SUU10P06-280L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUU10P06-280L VBSEMI-SUU10P06-280L Datasheet
939Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SUU10P06-280L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD15N06-90L VISHAY-SUD15N06-90L Datasheet
60Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. D, 20-Sep-99
SUD25N06-45L VISHAY-SUD25N06-45L Datasheet
79Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. E, 24-Feb-98
SUD50N06-09L VISHAY-SUD50N06-09L Datasheet
51Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. A, 07-Oct-02
SI9407AEY VISHAY-SI9407AEY Datasheet
56Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 29-Nov-99
SUP90P06-09L VISHAY-SUP90P06-09L Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175C MOSFET
Rev. A, 21-Jun-04
SUP65P06-20 VISHAY-SUP65P06-20 Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
SUB65P06-20 VISHAY-SUB65P06-20 Datasheet
55Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
logo
Vaishali Semiconductor
SUD19P06-60L VAISH-SUD19P06-60L Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) 175C MOSFET
logo
Vishay Siliconix
SI9948AEY VISHAY-SI9948AEY Datasheet
59Kb / 4P
   Dual P-Channel 60-V (D-S), 175C MOSFET
Rev. B, 24-Feb-98
SUD45N05-20L VISHAY-SUD45N05-20L Datasheet
71Kb / 4P
   N-Channel 50-V (D-S), 175C MOSFET, Logic Level
Rev. E, 23-Mar-98
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com