Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD10P06-280L Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUD10P06-280L
Description  P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD10P06-280L Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD10P06-280L Datasheet HTML 1Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 2Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 3Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUD/SUU10P06-280L
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70780
S-20349—Rev. F, 18-Apr-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.3
0.6
0.9
1.2
1.5
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ – Junction Temperature (_C)
VSD – Source-to-Drain Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
125
150
175
100
10
1
VGS = 10 V
ID = 5 A
TJ = 25_C
TJ = 150_C
THERMAL RATINGS
Drain Current vs. Case Temperature
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
3
Safe Operating Area
TC – Case Temperature (_C)
VDS – Drain-to-Source Voltage (V)
30
10
0.1
0
3
6
9
12
0
25
50
75
100
125
150
175
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
0.1
1
10
100
1
1
TC = 25_C
Single Pulse
1 ms
10 ms
100 ms
dc, 1 s
10
ms
100
ms
Limited
by rDS(on)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn