Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD10P06-280L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUD10P06-280L
Description  P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD10P06-280L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD10P06-280L Datasheet HTML 1Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 2Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 3Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD/SUU10P06-280L
Vishay Siliconix
Document Number: 70780
S-20349—Rev. F, 18-Apr-02
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
3
6
9
12
15
18
04
8
12
16
20
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
0
6
12
18
24
30
0
2468
10
0
4
8
12
16
20
0
4
8
12
162024
0.0
0.3
0.6
0.9
1.2
0
2468
10
0
2
4
6
8
10
0
1234
5
25
_C
–55
_C
TC = 125_C
VDS = 20 V
ID = 10 A
VGS = 10 thru 7 V
VGS = 4.5 V
Crss
TC = –55_C
25
_C
125
_C
3 V
4 V
5 V
6 V
VGS = 10 V
0
200
400
600
800
1000
0
102030
405060
Ciss
Coss
ID – Drain Current (A)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn