Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD10P06-280L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUD10P06-280L
Description  P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD10P06-280L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD10P06-280L Datasheet HTML 1Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 2Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 3Page - Vishay Siliconix SUD10P06-280L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUD/SUU10P06-280L
Vishay Siliconix
Document Number: 70780
S-20349—Rev. F, 18-Apr-02
www.vishay.com
2-1
P-Channel 60-V (D-S), 175
_C MOSFET, Logic Level
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.170 @ VGS = –10 V
–10
–60
0.280 @ VGS = –4.5 V
–8
TO-252
S
GD
Top View
Drain Connected to Tab
Order Number:
SUD10P06-280L
S
G
D
P-Channel MOSFET
TO-251
S
GD
Top View
and DRAIN-TAB
Order Number:
SUU10P06-280L
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
"20
V
_
TC = 25_C
–10
Continuous Drain Current (TJ = 150_C)
TC = 100_C
ID
–7
Pulsed Drain Current
IDM
–20
A
Continuous Source Current (Diode Conduction)
IS
–10
Avalanche Current
IAR
–10
Repetitive Avalanche Energy (Duty Cycle
v1%)
L = 0.1 mH
EAR
5
mJ
TC = 25_C
37
Maximum Power Dissipation
TA = 25_C
PD
2a
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
FR4 Board Mount
60
70
Junction-to-Ambienta
Free Air
RthJA
120
140
_C/W
Junction-to-Case
RthJC
3.7
4.0
C/W
Notes
a.
Surface Mounted on FR4 Board.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn