Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1003800-5 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1003800-5
Description  Accelerometer ACH-04-08-05
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1003800-5 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1003800-5 Datasheet HTML 2Page - Tyco Electronics 1003800-5 Datasheet HTML 3Page - Tyco Electronics 1003800-5 Datasheet HTML 4Page - Tyco Electronics 1003800-5 Datasheet HTML 5Page - Tyco Electronics 1003800-5 Datasheet HTML 6Page - Tyco Electronics 1003800-5 Datasheet HTML 7Page - Tyco Electronics 1003800-5 Datasheet HTML 8Page - Tyco Electronics 1003800-5 Datasheet HTML 9Page - Tyco Electronics 1003800-5 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Accelerometer ACH-04-08-05
114-27002
Rev A
Measurement Specialties Incorporated, Norristown, PA 19403 610-650-1500
10 of 10
Printed in U.S.A. For drawings, technical data or samples, contact call 610-650-1500.
Specifications subject to change. Consult MSI for latest specifications.
The package is sealed to eliminate the effects of normal exposure to the environment and typical cleaning
processes found in an electronic manufacturing facility. However, the package seal is not hermetic and exposure to
acidic, basic, corrosive, or aqueous environments is not recommended. Because of process variations, the ACH-04-
08-05 should be qualified through the intended production assembly processes (soldering, wash, etc.) before
releasing to production. The device is NOT IR reflow solderable. Recommended alternative soldering processes
include laser, hand and hot bar soldering. The ACH-04-08-05 can be manufactured to suit wave (not IR) soldering
processes. Contact MSI for more detailed information.
3.7 ACH-04-08-05 Mechanical Dimensions


Similar Part No. - 1003800-5

ManufacturerPart #DatasheetDescription
logo
Heyco.
10038 HEYCO-10038 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10038334 FCI-CONNECTOR-10038334 Datasheet
176Kb / 2P
   SAS RECEPTACLE EXTENDED HEIGHT VERTICAL SMT TYPE ASSY
10038334-001LF FCI-CONNECTOR-10038334-001LF Datasheet
176Kb / 2P
   SAS RECEPTACLE EXTENDED HEIGHT VERTICAL SMT TYPE ASSY
logo
SICK AG
1003865 SICK-1003865 Datasheet
507Kb / 6P
   COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
logo
Schneider Electric
1003878A SCHNEIDER-1003878A Datasheet
121Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 5 jaws w/o release, horn, N3R, steel
More results

Similar Description - 1003800-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803_12 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8803/04/05/06 Evaluation Module
logo
Johanson Technology Inc...
2450FB15K0003 JOHANSON-2450FB15K0003 Datasheet
126Kb / 2P
   2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
2450FB15K0003 JOHANSON-2450FB15K0003_09 Datasheet
120Kb / 2P
   2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
2450FB15K0008 JOHANSON-2450FB15K0008 Datasheet
166Kb / 3P
   2450 MHz Matched Balun-Filter for CSR BC 04/05/06 Series Chipset
logo
Samtec, Inc
ASP-134604-01 SAMTEC-ASP-134604-01 Datasheet
785Kb / 4P
   1. VITA 57 CONNECTOR.2. FILL ROWS 03, 04, 07 & -08 ONLY
logo
ELMOS Semiconductor AG
E52201 ELMOS-E52201 Datasheet
1Mb / 24P
   The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
   Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1 Datasheet
181Kb / 2P
   PHOTODIODE 05 mm
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
   04-SRJ10
logo
RMT Ltd.
2MC04-083-05 RMT-2MC04-083-05 Datasheet
252Kb / 4P
   2MC04-083-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com