Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV9118 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 27Page - STMicroelectronics STV9118 Datasheet HTML 28Page - STMicroelectronics STV9118 Datasheet HTML 29Page - STMicroelectronics STV9118 Datasheet HTML 30Page - STMicroelectronics STV9118 Datasheet HTML 31Page - STMicroelectronics STV9118 Datasheet HTML 32Page - STMicroelectronics STV9118 Datasheet HTML 33Page - STMicroelectronics STV9118 Datasheet HTML 34Page - STMicroelectronics STV9118 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
STV9118
31/46
The frequency range in which the AGC loop can
regulate the amplitude also depends on this ca-
pacitor.
The C- and S-corrections of shape serve to com-
pensate for the vertical deflection system non-line-
arity. They are controlled via
CCOR and SCOR
I2C bus controls.
Shape-corrected sawtooth with regulated ampli-
tude is lead to amplitude control stage. The dis-
charge exponential is replaced by VVOB level,
which, under control of the CONTROLLER, cre-
ates a rapid falling edge and a flat part before be-
ginning of new ramp. Mean value of the waveform
output on pin VOut is adjusted by means of
VPOS
I2C bus control, its amplitude through
VSIZE I2C
bus control. Vertical moiré is superimposed.
The biasing voltage for external DC-coupled verti-
cal power amplifier is to be derived from VRefO
voltage provided on pin RefOut, using a resistor di-
vider, this to ensure the same temperature drift of
mean (DC) levels on both differential inputs and to
compensate for spread of VRefO value (and so
mean output value) between particular devices.
10.4.2 - Vertical moiré
To blur the interaction of deflection lines with CRT
mask grid pitch that can generate moiré pattern,
the picture position is to be alternated at half-frame
frequency. For this purpose, a square waveform at
half-frame frequency is superimposed on the out-
put waveform’s DC value. Its amplitude is adjusta-
ble through
VMOIRE I2C bus control,.
Figure 11. Vertical section block diagram
2
Synchro
Polarity
Controller
Discharge
22
Sampling
Sampling
Capacitance
S-correction
CCOR
C-correction
18
23
VVOB
sawtooth
REF
Charge current
Transconductance amplifier
(I2C)
SCOR (I2C)
20 VAGCCap
discharge
CCOR
VSIZE (I2C)
VMOIRE (I2C)
VPOS (I2C)
19
VOscF
VOut
VEHTIn
VCap
VSyn
OSC
Cap.
Q1


Similar Part No. - STV9118

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9211 STMICROELECTRONICS-STV9211 Datasheet
680Kb / 37P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
STV9211 STMICROELECTRONICS-STV9211 Datasheet
444Kb / 24P
   12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
February 2002 Version 4.0
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
STV9302 STMICROELECTRONICS-STV9302 Datasheet
327Kb / 15P
   VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
STV9302A STMICROELECTRONICS-STV9302A Datasheet
327Kb / 15P
   VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
More results

Similar Description - STV9118

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
August 2001
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
   HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com