Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ3139K Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ3139K
Description  SOT-723 Plastic-Encapsulate MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ3139K Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ3139K Datasheet HTML 1Page - ZP Semiconductor CJ3139K Datasheet HTML 2Page - ZP Semiconductor CJ3139K Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-723 Plastic-Encapsulate MOSFETS
CJ3139K
P-Channel MOSFET
FEATURES
Lead Free Product is Acquired
Surface Mount Package
P-Channel Switch with Low RDS(on)
Operated at Low Logic Level Gate Drive
APPLICATION
Load/Power Switching
Interfacing, Logic Switching
Battery Management for Ultra Small Portable Electronics
MARKING: KD
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±
12
V
Continuous Drain Current (note 1)
ID
-0.66
A
Pulsed Drain Current (tp=10μs)
IDM
-1.2
A
Power Dissipation (note 1)
PD
150
mW
Thermal Resistance from Junction to Ambient (note 1)
RθJA
833
℃/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~+150
Lead Temperature for Soldering Purposes(1/8” from case for 10 s)
TL
260
SOT-723
1. GATE
2. SOURCE
3. DRAIN
1 of 3
sales@zpsemi.com
www.zpsemi.com
CJ3139K


Similar Part No. - CJ3139K

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ3139K JIANGSU-CJ3139K Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
ZP Semiconductor
CJ3139KDW ZPSEMI-CJ3139KDW Datasheet
976Kb / 2P
   SOT-363 Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJ3139KDW JIANGSU-CJ3139KDW Datasheet
1Mb / 5P
   Dual P-Channel Power MOSFET
logo
Comchip Technology
CJ3139KDW-G COMCHIP-CJ3139KDW-G Datasheet
133Kb / 5P
   MOSFET
logo
ZP Semiconductor
CJ3139KW ZPSEMI-CJ3139KW Datasheet
666Kb / 2P
   SOT-323 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ3139K

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3134K-SOT723 ZPSEMI-CJ3134K-SOT723 Datasheet
1Mb / 3P
   SOT-723 Plastic-Encapsulate MOSFETS
logo
WILLAS ELECTRONIC CORP
2SK3541M3T5 WILLAS-2SK3541M3T5 Datasheet
463Kb / 4P
   SOT-723 Plastic-Encapsulate MOSFETS
logo
SHIKUES Electronics
SK3134K SKTECHNOLGY-SK3134K Datasheet
943Kb / 4P
   SOT-723 Plastic-Encapsulate MOSFETS
logo
Jiangsu High diode Semi...
MMBT3904M HDSEMI-MMBT3904M Datasheet
2Mb / 4P
   SOT-723 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC5663 JIANGSU-2SC5663 Datasheet
649Kb / 4P
   SOT-723 Plastic-Encapsulate Transistors
2SA2029 JIANGSU-2SA2029 Datasheet
1Mb / 4P
   SOT-723 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
DAP222M WILLAS-DAP222M Datasheet
322Kb / 2P
   SOT-723 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
MMBT2222AM JIANGSU-MMBT2222AM Datasheet
3Mb / 4P
   SOT-723 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
DAN222M WILLAS-DAN222M Datasheet
338Kb / 2P
   SOT-723 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
2SC5658 JIANGSU-2SC5658 Datasheet
1Mb / 4P
   SOT-723 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com