Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC3025LNS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC3025LNS
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LNS Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMC3025LNS Datasheet HTML 2Page - Diodes Incorporated DMC3025LNS Datasheet HTML 3Page - Diodes Incorporated DMC3025LNS Datasheet HTML 4Page - Diodes Incorporated DMC3025LNS Datasheet HTML 5Page - Diodes Incorporated DMC3025LNS Datasheet HTML 6Page - Diodes Incorporated DMC3025LNS Datasheet HTML 7Page - Diodes Incorporated DMC3025LNS Datasheet HTML 8Page - Diodes Incorporated DMC3025LNS Datasheet HTML 9Page - Diodes Incorporated DMC3025LNS Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMC3025LNS
Document number: DS38130 Rev. 3 - 2
6 of 10
www.diodes.com
September 2016
© Diodes Incorporated
DMC3025LNS
Typical Characteristics - P-CHANNEL
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 13. Typical Output Characteristic
V
GS = -2.0V
V
GS = -2.5V
V
GS = -3.0V
V
GS = -10.0V
V
GS=-4.0V
V
GS = -4.5V
10.00
15.00
20.00
25.00
30.00
35.00
40.00
0
5
10
15
20
25
30
ID, DRAIN-SOURCE CURRENT (A)
Figure 15. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = -4.5V
V
GS = -10V
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
16
18
20
VGS, GATE-SOURCE VOLTAGE (V)
Figure 16. Typical Transfer Characteristic
I
D =-7A
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
Figure 17. Typical On-Resistance vs. Drain Current and
Temperature
-55℃
25℃
85℃
150℃
125℃
V
GS = -10V
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 18. On-Resistance Variation with Temperature
V
GS = -10V, ID = -10A
V
GS = -4.5V, ID = -5A
0
5
10
15
20
25
30
0
1
2
3
4
5
VGS, GATE-SOURCE VOLTAGE (V)
Figure 14. Typical Transfer Characteristic
V
DS = -5V
TJ=-55℃
TJ=25℃
TJ=85℃
TJ=125℃
TJ=150℃


Similar Part No. - DMC3025LNS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3025LDV DIODES-DMC3025LDV Datasheet
474Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSDQ DIODES-DMC3025LSDQ Datasheet
524Kb / 11P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSDQ-13 DIODES-DMC3025LSDQ-13 Datasheet
524Kb / 11P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC3025LNS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com