Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C580IJ44 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST16C580IJ44
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580IJ44 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C580IJ44 Datasheet HTML 1Page - Exar Corporation ST16C580IJ44 Datasheet HTML 2Page - Exar Corporation ST16C580IJ44 Datasheet HTML 3Page - Exar Corporation ST16C580IJ44 Datasheet HTML 4Page - Exar Corporation ST16C580IJ44 Datasheet HTML 5Page - Exar Corporation ST16C580IJ44 Datasheet HTML 6Page - Exar Corporation ST16C580IJ44 Datasheet HTML 7Page - Exar Corporation ST16C580IJ44 Datasheet HTML 8Page - Exar Corporation ST16C580IJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
ST16C580
Rev. 1.20
PLCC Package
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RCLK
RX
N.C.
TX
CS0
CS1
-CS2
-BAUDOUT
RESET
-OP1
-DTR
-RTS
-OP2
N.C.
INT
-RXRDY
A0
A1
A2
XR16C580CJ44
UART WITH 16-BYTE FIFO’s AND
INFRARED (IrDA) ENCODER/DECODER
GENERAL DESCRIPTION
The ST16C5801 is a universal asynchronous receiver and transmitter (UART) and is pin compatible with the ST16C550
UART. The 580 is an enhanced UART with 16 byte FIFO’s, automatic hardware/software flow control, and data rates
up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status. Modem
interface control is included and can be optionally configured to operate with the Infrared (IrDA) encoder/decoder. The
system interrupts may be tailored to meet user requirements. An internal loop-back capability allows onboard
diagnostics. The 580 is available in 40 pin PDIP, 44 pin PLCC, and 48 pin TQFP packages. It is fabricated in an
advanced CMOS process to achieve low drain power and high speed requirements.
FEATURES
• PintopinandfunctionallycompatibletotheIndustry
Standard 16550
• 2.97 to 5.5 volt operation
• 1.5 Mbps transmit/receive operation (24MHz)
• 16 byte transmit FIFO
• 16 byte receive FIFO with error flags
• Automatichardware/softwareflowcontrol
• ProgrammableXon/Xoffcharacters
• Independent transmit and receive control
• Software selectable Baud Rate Generator pre-
scaleable clock rates of 1X or 4X
• Fourselectabletransmit/receiveFIFOinterrupttrig-
ger levels
• StandardmodeminterfaceorInfraredIrDAencode/
decoder interface
• Sleep mode ( 200µA stand-by )
• Low operating current ( 1.2mA typ.)
ORDERING INFORMATION
Part number
Package
Operating temp
Device Status
ST16C580CP40
40-Lead PDIP
0° C to + 70° C
Discontinued. See the ST16C580CQ48 for a replacement.
ST16C580CJ44
44-Lead PLCC
0° C to + 70° C
Discontinued. See the ST16C580CQ48 for a replacement.
ST16C580CQ48
48-Lead TQFP
0° C to + 70° C
Active
ST16C580IP40
40-Lead PDIP
-40° C to + 85° C
Discontinued. See the ST16C580IQ48 for a replacement.
ST16C580IJ44
44-Lead PLCC
-40° C to + 85° C
Discontinued. See the ST16C580IQ48 for a replacement.
ST16C580IQ48
48-Lead TQFP
-40° C to + 85° C
Active
*Note 1 Covered by U.S. Patent #5,649,122.
September 2003


Similar Part No. - ST16C580IJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580IQ48 EXAR-ST16C580IQ48 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
More results

Similar Description - ST16C580IJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com