Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431ANATRE1 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AZ431ANATRE1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ431ANATRE1 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AZ431ANATRE1 Datasheet HTML 10Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 11Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 12Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 13Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 14Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 15Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 16Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 17Page - Diodes Incorporated AZ431ANATRE1 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AZ431-A
Document number: DS36721 Rev. 5 - 2
14 of 21
www.diodes.com
September 2015
© Diodes Incorporated
AZ431-A
Package Outline Dimensions (Cont. All dimensions in mm.)
(2)
Package Type: TO92 (Ammo Packing)
2.540(0. 100)
Typ
1.270(0. 050)
Typ
0.
(0. 015)
0.550(0. 022 )
4.400(0. 173
)
4.800(0.189
)
3. 430(0. 135)
MIN
0. 320(0. 013)
0. 510(0. 020)
0. 000(0. 000)
0. 380(0. 015)
MAX
1. 100(0. 043
1. 400(0. 055
)
Φ1.600(0.063)
)
380
2.500(0. 098
)
4.000(0.157
)
13.000(0. 512
)
15.000(0.591
)


Similar Part No. - AZ431ANATRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431ANATRE1 BCDSEMI-AZ431ANATRE1 Datasheet
186Kb / 20P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AZ431ANATRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com