Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4279A50D1R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV4279A50D1R2G
Description  Micropower 150 mA LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4279A50D1R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV4279A50D1R2G Datasheet HTML 6Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 7Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 8Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 9Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 10Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 11Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 12Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 13Page - ON Semiconductor NCV4279A50D1R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NCV4279A
http://onsemi.com
10
TYPICAL THERMAL CHARACTERISTICS
SO−8 Std Package NCV4279, 1.0 oz
SO−8 Std Package NCV4279, 2.0 oz
SO−14 w/6 Thermal Leads NCV4279, 1.0 oz
SO−14 w/6 Thermal Leads NCV4279, 2.0 oz
Figure 18. Junction−to−Ambient Thermal Resistance (qJA) vs. Heat Spreader Area
Figure 19. R(t) vs. Pulse Time
COPPER HEAT−SPREADER AREA (mm2)
700
600
400
300
200
100
500
0
200
180
160
140
120
100
80
60
40
20
0
Single Pulse (SO−8 Std Package) PCB = 50 mm2, 2.0 oz
Single Pulse (SO−14 w/6 Thermal Leads) PCB = 50 mm2, 2.0 oz
YLA (SO−8)
YLA (SO−14)
PULSE TIME (s)
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
1000
100
10
1
0.1


Similar Part No. - NCV4279A50D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279A50D1R2G ONSEMI-NCV4279A50D1R2G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
More results

Similar Description - NCV4279A50D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com