Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4279A Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV4279A
Description  Micropower 150 mA LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4279A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV4279A_13 Datasheet HTML 5Page - ON Semiconductor NCV4279A_13 Datasheet HTML 6Page - ON Semiconductor NCV4279A_13 Datasheet HTML 7Page - ON Semiconductor NCV4279A_13 Datasheet HTML 8Page - ON Semiconductor NCV4279A_13 Datasheet HTML 9Page - ON Semiconductor NCV4279A_13 Datasheet HTML 10Page - ON Semiconductor NCV4279A_13 Datasheet HTML 11Page - ON Semiconductor NCV4279A_13 Datasheet HTML 12Page - ON Semiconductor NCV4279A_13 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCV4279A
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
250
6
VI (V)
IQ = 100 mA
8
1012
14
16
1820
2224
26
200
150
100
50
0
7
6
VI (V)
IQ = 100 mA
1.6
0
1020
3040
50
IQ (mA)
VI = 13.5 V
TJ = 25°C
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Figure 14. Current Consumption Iq vs.
Output Current IQ
Figure 15. Current Consumption Iq vs.
Output Current IQ
Figure 16. Current Consumption Iq vs.
Input Voltage VI
IQ (mA)
VI = 13.5 V
TJ = 25°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
IQ = 50 mA
IQ = 10 mA
6
5
4
3
2
1
0
8
1012
14
16
1820
2224
26
TJ = 25°C
TJ = 25°C
Figure 17. Current Consumption Iq vs.
Input Voltage VI


Similar Part No. - NCV4279A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279A50D1G ONSEMI-NCV4279A50D1G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279A50D1R2G ONSEMI-NCV4279A50D1R2G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279A50D2G ONSEMI-NCV4279A50D2G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279A50D2R2G ONSEMI-NCV4279A50D2R2G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
More results

Similar Description - NCV4279A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com