Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4264.2CST33T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4264.2CST33T3G
Description  Low IQ Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4264.2CST33T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4264.2CST33T3G Datasheet HTML 1Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 2Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 3Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 4Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 5Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 6Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 7Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 8Page - ON Semiconductor NCV4264.2CST33T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCV4264−2C
www.onsemi.com
3
THERMAL RESISTANCE
Parameter
Symbol
Min
Max
Unit
Junction−to−Ambient
SOT−223
RqJA
109 (Note 4)
°C/W
Junction−to−Tab (psi−JL4)
SOT−223
YJL4
10.9
ELECTRICAL CHARACTERISTICS (VIN = 13.5 V, TJ = −40°C to +150°C, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
5.0 V Version
VOUT
5.0 mA
v IOUT v 100 mA (Note 5)
6.0 V
v VIN v 28 V
4.900
5.000
5.100
V
Output Voltage
3.3 V Version
VOUT
5.0 mA
v IOUT v 100 mA (Note 5)
4.5 V
v VIN v 28 V
3.234
3.300
3.366
V
Output Voltage
3.3 V Version
VOUT
IOUT = 5 mA, VIN = 4 V (Note 7)
3.234
3.300
3.366
V
Line Regulation
5.0 V Version
DVOUT vs. VIN
IOUT = 5.0 mA
6.0 V
v VIN v 28 V
−30
5.0
+30
mV
Line Regulation
3.3 V Version
DVOUT vs. VIN
IOUT = 5.0 mA
4.5 V
v VIN v 28 V
−30
5.0
+30
mV
Load Regulation
DVOUT vs. IOUT
1.0 mA
v IOUT v 100 mA (Note 5)
−40
5.0
+40
mV
Dropout Voltage − 5.0 V Version
VIN−VOUT
IOUT = 100 mA (Notes 5 & 6)
270
500
mV
Quiescent Current
Iq
IOUT = 100 mA
TJ = 25°C
TJ = −40°C to +85°C
TJ = −40°C to 150°C
33
33
33
55
60
70
mA
Active Ground Current
IG(ON)
IOUT = 50 mA (Note 5)
1.5
4.0
mA
Power Supply Rejection
PSRR
VRIPPLE = 0.5 VP−P, F = 100 Hz
67
dB
PROTECTION
Current Limit
IOUT(LIM)
VOUT = 4.5 V (5.0 V Version) (Note 5)
VOUT = 3.0 V (3.3 V Version) (Note 5)
150
150
500
500
mA
Short Circuit Current Limit
IOUT(SC)
VOUT = 0 V (Note 5)
40
500
mA
Thermal Shutdown Threshold
TTSD
(Note 7)
150
200
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. 1 oz., 100 mm2 copper area.
5. Use pulse loading to limit power dissipation.
6. Dropout voltage = (VIN–VOUT), measured when the output voltage has dropped 100 mV relative to the nominal value obtained with
VIN = 13.5 V.
7. Not tested in production. Limits are guaranteed by design.
Figure 2. Applications Circuit
4264−2C
13
2
Vout
COUT
10
mF
Output
CIN
100 nF
GND
4.5−45 V
Input
Vin


Similar Part No. - NCV4264.2CST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2CST33T3G ONSEMI-NCV4264-2CST33T3G Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results

Similar Description - NCV4264.2CST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
MAX1793EUE25 MAXIM-MAX1793EUE25 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com