Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC3G14 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC3G14
Description  TRIPLE SCHMITT TRIGGER INVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74LVC3G14 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74LVC3G14
TRIPLE SCHMITT TRIGGER INVERTER
SCES367G − AUGUST 2001 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
17
18
19
22
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC7NP14TinyLogic ULP Triple Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
54F14DMHex Inverter Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)
74LCX14Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs 1 2 3 4 5 MoreFairchild Semiconductor
DM74LS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 Fairchild Semiconductor
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
NC7NZ17TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC3G14Triple inverting Schmitt trigger with 5 V tolerant input 1 2 3 4 5 MoreNXP Semiconductors
DM74ALS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 MoreNational Semiconductor (TI)
TC7WH14FUTRIPLE SCHMITT INVERTER 1 2 3 4 5 MoreToshiba Semiconductor
74LVQ14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn