Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC3G14 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC3G14
Description  TRIPLE SCHMITT TRIGGER INVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74LVC3G14 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74LVC3G14
TRIPLE SCHMITT TRIGGER INVERTER
SCES367G − AUGUST 2001 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
1.65 V
0.7
1.4
VT+
2.3 V
1
1.7
VT+
Positive-going input
threshold voltage
3 V
1.3
2.2
V
Positive-going input
threshold voltage
4.5 V
1.9
3.1
V
5.5 V
2.2
3.7
1.65 V
0.3
0.7
VT−
Negative-going
2.3 V
0.4
1
VT−
Negative-going
input threshold
3 V
0.6
1.3
V
input threshold
voltage
4.5 V
1.1
2
V
voltage
5.5 V
1.4
2.5
1.65 V
0.3
0.8
∆VT
2.3 V
0.4
0.9
∆VT
Hysteresis
(V
− V
)
3 V
0.4
1.1
V
Hysteresis
(VT+ − VT−)
4.5 V
0.6
1.3
V
T+
T−
5.5 V
0.7
1.4
IOH = −100 µA
1.65 V to 4.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
VOH
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 4.5 V
0.1
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
A inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
4.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
3.9
9.2
1.9
5.7
2.3
5.4
1.5
4.3
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC7NP14TinyLogic ULP Triple Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
54F14DMHex Inverter Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)
74LCX14Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs 1 2 3 4 5 MoreFairchild Semiconductor
DM74LS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 Fairchild Semiconductor
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
NC7NZ17TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC3G14Triple inverting Schmitt trigger with 5 V tolerant input 1 2 3 4 5 MoreNXP Semiconductors
DM74ALS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 MoreNational Semiconductor (TI)
TC7WH14FUTRIPLE SCHMITT INVERTER 1 2 3 4 5 MoreToshiba Semiconductor
74LVQ14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn