Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9010A Datasheet(PDF) 5 Page - Keysight Technologies

Part # N9010A
Description  EXA X-Series Signal Analyzer N9010A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9010A Datasheet(HTML) 5 Page - Keysight Technologies

  N9010A Datasheet HTML 1Page - Keysight Technologies N9010A Datasheet HTML 2Page - Keysight Technologies N9010A Datasheet HTML 3Page - Keysight Technologies N9010A Datasheet HTML 4Page - Keysight Technologies N9010A Datasheet HTML 5Page - Keysight Technologies N9010A Datasheet HTML 6Page - Keysight Technologies N9010A Datasheet HTML 7Page - Keysight Technologies N9010A Datasheet HTML 8Page - Keysight Technologies N9010A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Sweep time and triggering
Range
Span = 0 Hz
1 μs to 6000 s
Span ≥ 10 Hz
1 ms to 4000 s
Accuracy
Span ≥ 10 Hz, swept
± 0.01% nominal
Span ≥ 10 Hz, FFT
± 40% nominal
Span = 0 Hz
± 0.01% nominal
Trigger
Free run, line, video, external 1, external 2, RF burst, periodic timer
Trigger Delay
Span = 0 Hz or FFT
–150 to +500 ms
Span ≥ 10 Hz, swept
0 to 500 ms
Resolution
0.1 μs
Time gating
Gate methods
Gated LO; gated video; gated FFT
Gate length range (except method = FFT)
100.0 ns to 5.0 s
Gate delay range
0 to 100.0 s
Gate delay jitter
33.3 ns p-p nominal
Sweep (trace) point range
All spans
1 to 40001
Resolution bandwidth (RBW)
Range (–3.01 dB bandwidth)
1 Hz to 3 MHz (10 % steps), 4, 5, 6, 8 MHz
Bandwidth accuracy (power)
1 Hz to 750 kHz
± 1.0 % (± 0.044 dB)
820 kHz to 1.2 MHz (< 3.6 GHz CF)
± 2.0 % (± 0.088 dB)
1.3 to 2 MHz (< 3.6 GHz CF)
± 0.07 dB nominal
2.2 to 3 MHz (< 3.6 GHz CF)
± 0.15 dB nominal
4 to 8 MHz (< 3.6 GHz CF)
± 0.25 dB nominal
Bandwidth accuracy (–3.01 dB)
RBW range
1 Hz to 1.3 MHz
± 2 % nominal
Selectivity (–60 dB/–3 dB)
4.1:1 nominal
EMI bandwidth (CISPR compliant)
200 Hz, 9 kHz, 120 kHz, 1 MHz
(Option EMC or N6141A required)
EMI bandwidth (MIL STD 461E compliant) 10 Hz, 100 Hz, 1 kHz, 10 kHz,
100 kHz, 1 MHz
(Option EMC or N6141A required)
Analysis bandwidth 1
Maximum bandwidth
Option B40
40 MHz
Option B25 (standard)
25 MHz
Standard
10 MHz
Video bandwidth (VBW)
Range
1 Hz to 3 MHz (10 % steps), 4, 5, 6, 8 MHz, and wide open (labeled 50 MHz)
Accuracy
± 6 % nominal
Measurement speed 2
Standard nominal
Option PC4 nominal
Local measurement and display update
rate
11 ms (90/s)
4 ms (250/s)
Remote measurement and LAN transfer
rate
6 ms (167/s)
5 ms (200/s)
Marker peak search
5 ms
1.5 ms
Center frequency tune and transfer (RF)
22 ms
20 ms
Center frequency tune and transfer (μW)
49 ms
47 ms
Measurement/mode switching
75 ms
39 ms
1. Analysis bandwidth is the instantaneous bandwidth available around a center frequency over which the input signal can be digitized for further
analysis or processing in the time, frequency, or modulation domain.
2. Sweep points = 101.


Similar Part No. - N9010A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N9010A HP-N9010A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N9010A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9010B KEYSIGHT-N9010B Datasheet
1Mb / 20P
   EXA X-Series Signal Analyzer, Multi-touch N9010B
N9074A KEYSIGHT-N9074A Datasheet
749Kb / 11P
   X-Series Signal Analyzers (MXA/EXA)
N9030A KEYSIGHT-N9030A Datasheet
1Mb / 28P
   PXA X-Series Signal Analyzer
M9290A KEYSIGHT-M9290A Datasheet
868Kb / 18P
   PXIe X-Series Signal Analyzer
N9000A KEYSIGHT-N9000A Datasheet
1Mb / 18P
   CXA X-Series Signal Analyzer N9000A
N9020A KEYSIGHT-N9020A Datasheet
1Mb / 20P
   MXA X-Series Signal Analyzer N9020A
N9041B-RT1 KEYSIGHT-N9041B-RT1 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9030B KEYSIGHT-N9030B Datasheet
1Mb / 30P
   PXA X-Series Signal Analyzer, Multi-touch
N9041B-RT2 KEYSIGHT-N9041B-RT2 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9020B KEYSIGHT-N9020B Datasheet
1Mb / 19P
   MXA X-Series Signal Analyzer, Multi-touch N9020B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com