Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1092A Datasheet(PDF) 2 Page - Keysight Technologies

Part # N1092A
Description  N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1092A Datasheet(HTML) 2 Page - Keysight Technologies

  N1092A Datasheet HTML 1Page - Keysight Technologies N1092A Datasheet HTML 2Page - Keysight Technologies N1092A Datasheet HTML 3Page - Keysight Technologies N1092A Datasheet HTML 4Page - Keysight Technologies N1092A Datasheet HTML 5Page - Keysight Technologies N1092A Datasheet HTML 6Page - Keysight Technologies N1092A Datasheet HTML 7Page - Keysight Technologies N1092A Datasheet HTML 8Page - Keysight Technologies N1092A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
02 | Keysight | N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes - Data Sheet
The Keysight Technologies, Inc. 86100 digital communication analyzer (DCA) family
is recognized as the industry standard for verifying optical transmitter compliance to
communications standards. For years engineers have trusted the DCA to provide accurate and
easy measurement of digital communication waveforms. The Keysight N109X DCA-M family has
built on that legacy by using the high-performance elements of both the 86100 oscilloscope
mainframe acquisition system and the optical and electrical channel hardware of the 861XX
plug-in modules. The N1090A supports 1 to 10 Gb/s measurements, while the N1092 and
N1094 are for use from 20 to 28 Gb/s. (Data rate ranges of the N1092 can be extended using
Options PLK and IRC.)
Designed specifically for high-volume manufacturing test applications, the DCA-M provides
the measurement accuracy of the 86100, without the extra cost associated with an R&D test
solution. Be confident that your test results will never be questioned when performed with
an N109X because end users of your transceivers and components are likely to use similar
accurate, high-quality test systems to verify component performance.
Unlike the 86100, which uses modules to create a waveform analysis system, the N109X are
completely integrated instruments built in a small form factor. Low-noise, high-sensitivity
calibrated reference receivers — compliant to industry standard tolerances — are available for
both multimode and single-mode signals at wavelengths from 750 to 1630 nm. N1090A noise is
as low as 1 µW, while N1092 noise is as low as 4 µW, creating a measurement system with very
high dynamic range. The sensitivity of the N1092 is significantly better than the comparable
86100 system making it an excellent solution for PAM-4 waveform analysis. Electrical channels
are available with 20 GHz (N1090A), 30 GHz, and 50 GHz bandwidths (N1092/4).
The N109X user interface and operating system is identical to the modern FlexDCA interface of
the 86100D. A user-provided PC running N1010A FlexDCA software controls the N109X over a
simple USB 2.0 or 3.0 connection.
Get 86100 DCA Accuracy with a Test Solution Designed for Manufacturing


Similar Part No. - N1092A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1092B KEYSIGHT-N1092B Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092C KEYSIGHT-N1092C Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092D KEYSIGHT-N1092D Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092E KEYSIGHT-N1092E Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
More results

Similar Description - N1092A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1094A KEYSIGHT-N1094A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092B KEYSIGHT-N1092B Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092D KEYSIGHT-N1092D Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092E KEYSIGHT-N1092E Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1090A KEYSIGHT-N1090A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092C KEYSIGHT-N1092C Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
logo
Maxim Integrated Produc...
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
logo
Keysight Technologies
N1076A KEYSIGHT-N1076A Datasheet
1Mb / 19P
   Electrical and Optical Clock Data Recovery Solutions
N1077A KEYSIGHT-N1077A Datasheet
1Mb / 19P
   Electrical and Optical Clock Data Recovery Solutions
N4877A KEYSIGHT-N4877A Datasheet
2Mb / 21P
   Electrical and Optical Clock Data Recovery Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com