Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1092A Datasheet(PDF) 9 Page - Keysight Technologies

Part # N1092A
Description  N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1092A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N1092A Datasheet HTML 5Page - Keysight Technologies N1092A Datasheet HTML 6Page - Keysight Technologies N1092A Datasheet HTML 7Page - Keysight Technologies N1092A Datasheet HTML 8Page - Keysight Technologies N1092A Datasheet HTML 9Page - Keysight Technologies N1092A Datasheet HTML 10Page - Keysight Technologies N1092A Datasheet HTML 11Page - Keysight Technologies N1092A Datasheet HTML 12Page - Keysight Technologies N1092A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
09 | Keysight | N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes - Data Sheet
N1090A Optical Channel Specifications
Item
Description
Nominal wavelength range
750 to 1650 nm
Factory-calibrated wavelengths (OE conversion
gains)
850/1310/1550 nm (± 20 nm)
Reference receiver filter options (select one)
N1090A-140
GPON, 1.244 Gb/s and Gb Ethernet, 1.250 Gb/s,
CPRI 1.229 Gb/s
N1090A-160
OC-48/STM-16, 2.488 Gb/s, 2 Gb Ethernet,
2.500 Gb/s, CPRI 2.458 Gb/s
N1090A-180
10 Gb Ethernet LX-4, 3.125 Gb/s, CPRI 3.072 Gb/s
N1090A-200
8x fibre channel, 8.500 Gb/s
OC-192/STM-64, 9.953 Gb/s
10 Gb Ethernet, 10.3125 Gb/s
10x fibre channel, 10.51875 Gb/s
OC-192/STM-64 FEC, 10.664 Gb/s
OC-192/STM-64 FEC, 10.709 Gb/s
10 Gb Ethernet FEC, 11.0957 Gb/s
10x fibre channel FEC, 11.317 Gb/s
N1090A-204
8x fibre channel, 8.500 Gb/s
OC-192/STM-64, 9.953 Gb/s
10 Gb Ethernet, 10.3125 Gb/s, CPRI 9.830 Gb/s
10x fibre channel, 10.51875 Gb/s, CPRI 10.138 Gb/s
Measured frequency response data during recertification falls within performance test line
limits with allowance for system-to-system measurement uncertainty.
Option 140
Option 160
Option 180
Options 200 and 204
RMS noise at 850 nm
Characteristic
1.3 µW
1.5 µW
2.5 µW
2.5 µW
Maximum
2.0 µW
2.5 µW
4.0 µW
4.0 µW
RMS noise at 1310/1550 nm
Characteristic
0.8 µW
1.0 µW
1.4 µW
1.4 µW
Maximum
1.3 µW
1.5 µW
2.5 µW
2.5 µW
Sensitivity 1 at 850 nm
(Characteristic — smallest
average power for mask test)
–20 dBm
–20 dBm
–19 dBm
–16 dBm
Sensitivity 1 at 1310/1550 nm
(Characteristic — smallest
average power for mask test)
–21 dBm
–21 dBm
–20 dBm
–17 dBm
1. Generally represents the power level where an ideal eye diagram will approach 0% mask margin due to
noise of the oscilloscope. Provides a non-specified figure of merit to compare sensitivities of various optical
channels.


Similar Part No. - N1092A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1092B KEYSIGHT-N1092B Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092C KEYSIGHT-N1092C Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092D KEYSIGHT-N1092D Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092E KEYSIGHT-N1092E Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
More results

Similar Description - N1092A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1094A KEYSIGHT-N1094A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092B KEYSIGHT-N1092B Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092D KEYSIGHT-N1092D Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092E KEYSIGHT-N1092E Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1090A KEYSIGHT-N1090A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092C KEYSIGHT-N1092C Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
logo
Maxim Integrated Produc...
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
logo
Keysight Technologies
N1076A KEYSIGHT-N1076A Datasheet
1Mb / 19P
   Electrical and Optical Clock Data Recovery Solutions
N1077A KEYSIGHT-N1077A Datasheet
1Mb / 19P
   Electrical and Optical Clock Data Recovery Solutions
N4877A KEYSIGHT-N4877A Datasheet
2Mb / 21P
   Electrical and Optical Clock Data Recovery Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com