Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD11D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11D
Description  3.3V RS 485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD11D Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD11D Datasheet HTML 1Page - Texas Instruments SN65HVD11D Datasheet HTML 2Page - Texas Instruments SN65HVD11D Datasheet HTML 3Page - Texas Instruments SN65HVD11D Datasheet HTML 4Page - Texas Instruments SN65HVD11D Datasheet HTML 5Page - Texas Instruments SN65HVD11D Datasheet HTML 6Page - Texas Instruments SN65HVD11D Datasheet HTML 7Page - Texas Instruments SN65HVD11D Datasheet HTML 8Page - Texas Instruments SN65HVD11D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN65HVD10,SN65HVD10Q,SN75HVD10
SN65HVD11,SN65HVD11Q,SN75HVD11
SN65HVD12,SN75HVD12
SLLS505F − FEBRUARY 2002 − REVISED NOVEMBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
SIGNALING RATE
UNIT LOADS
TA
PACKAGE
SOIC MARKING
SIGNALING RATE
UNIT LOADS
TA
SOIC(1)
PDIP
SOIC MARKING
25 Mbps
1/2
SN65HVD10D
SN65HVD10P
VP10
10 Mbps
1/8
−40
°C to 85°C
SN65HVD11D
SN65HVD11P
VP11
1 Mbps
1/8
−40 C to 85 C
SN65HVD12D
SN65HVD12P
VP12
25 Mbps
1/2
SN75HVD10D
SN75HVD10P
VN10
10 Mbps
1/8
−0
°C to 70°C
SN75HVD11D
SN75HVD11P
VN11
1 Mbps
1/8
−0 C to 70 C
SN75HVD12D
SN75HVD12P
VN12
25 Mbps
1/2
−40
°C to 125°C
SN65HVD10QD
SN65HVD10QP
VP10Q
10 Mbps
1/8
−40
°C to 125°C
SN65HVD11QD
SN65HVD11QP
VP11Q
(1) The D package is available taped and reeled. Add an R suffix to the part number (i.e., SN75HVD11DR).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1) (2)
SN65HVD10, SN75HVD10
SN65HVD11, SN75HVD11
SN65HVD12, SN75HVD12
Supply voltage range, VCC
−0.3 V to 6 V
Voltage range at A or B
−9 V to 14 V
Input voltage range at D, DE, R or RE
−0.5 V to VCC + 0.5 V
Voltage input range, transient pulse, A and B, through 100
Ω (see Figure 11)
−50 V to 50 V
Human body model(3)
A, B and GND
16 kV
Electrostatic discharge
Human body model(3)
All pins
4 kV
Electrostatic discharge
Charged-device model(4)
All pins Charge
1 kV
Continuous total power dissipation
See Dissipation Rating Table
Junction temperature, TJ
170
°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D(2)
597 mW
4.97 mW/
°C
373 mW
298 mW
100 mW
D(3)
990 mW
8.26 mW/
°C
620 mW
496 mW
165 mW
P
1290 mW
10.75 mW/
°C
806 mW
645 mW
215 mW
(1) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2) Tested in accordance with the Low-K thermal metric definitions of EIA/JESD51−3.
(3) Tested in accordance with the High-K thermal metric definitions of EIA/JESD51−7.


Similar Part No. - SN65HVD11D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11D TI-SN65HVD11D Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11D TI-SN65HVD11D Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11DG4 TI-SN65HVD11DG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD11D

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
   LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com