Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1055A Datasheet(PDF) 3 Page - Keysight Technologies

Part # N1055A
Description  35/50 GHz 2/4 Port TDR/TDT For the 86100D DCA-X Series Oscilloscope Mainframe
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1055A Datasheet(HTML) 3 Page - Keysight Technologies

  N1055A Datasheet HTML 1Page - Keysight Technologies N1055A Datasheet HTML 2Page - Keysight Technologies N1055A Datasheet HTML 3Page - Keysight Technologies N1055A Datasheet HTML 4Page - Keysight Technologies N1055A Datasheet HTML 5Page - Keysight Technologies N1055A Datasheet HTML 6Page - Keysight Technologies N1055A Datasheet HTML 7Page - Keysight Technologies N1055A Datasheet HTML 8Page - Keysight Technologies N1055A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
03 | Keysight | N1055A Remote Head Module 35/50 GHz 2/4 Port TDR/TDT - Data Sheet
Single-ended and differential device
testing
Each TDR/TDT module provides single-ended,
differential and common mode measurement
capability, including True-Mode stimulus capability.
Complete S-parameter analysis
Full S-parameter measurements from DC to 50 GHz
on up to 16 ports. Export data in Touchstone file
format.
Real-time results
Calibrated impedance and S-parameter results
are displayed in real-time (no external application,
monitor or computer required).
ECal DC - 67 GHz module support
Electronic calibration (ECal) modules provide fast
and accurate calibrations with a minimum number of
connections.
True SOLT TDR calibration made easy
TDR/TDT calibration improves measurement
accuracy. A built-in calibration wizard supports both
mechanical standards (SOLT) and ECal modules.
Fast TDR edge speed
Fast edge speeds yield higher TDR resolution.
The 86100D DCA-X mainframe, equipped with N1055A modules, creates a fully-in-
tegrated TDR/TDT/S-parameter measurement system that provides calibrated
results on up to 16 channels in real-time


Similar Part No. - N1055A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1055A KEYSIGHT-N1055A Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1055A-32F KEYSIGHT-N1055A-32F Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1055A-32M KEYSIGHT-N1055A-32M Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1055A-34F KEYSIGHT-N1055A-34F Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1055A-34M KEYSIGHT-N1055A-34M Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - N1055A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
DCA-X86100D KEYSIGHT-DCA-X86100D Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
   TDR 2 Series, 2 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com