Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q6800DBQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q6800DBQR
Description  10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q6800DBQR Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3Q6800DBQR Datasheet HTML 1Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 2Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 3Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 4Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN74CB3Q6800
10BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS142A − OCTOBER 2003 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3.6 V,
II = −18 mA
−1.8
V
IIN
Control inputs
VCC = 3.6 V,
VIN = 0 to 5.5 V
±1
µA
IO
B port
VCC = 3.V,
BIASV = 2.4 V,
VO = 0,
Switch OFF,
VIN = VCC or GND
0.2
mA
IOZ‡
VCC = 3.6 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF,
VIN = VCC or GND
±1
µA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF,
VIN = VCC or GND
0.75
2
mA
∆ICC§
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
ICCD¶
Per control
VCC = 3.6 V,
A and B ports open,
0.38
0.45
mA/
ICCD¶
Per control
input
Control input switching at 50% duty cycle
0.38
0.45
mA/
MHz
Cin
Control inputs
VCC = 3.3 V,
VIN = 5.5 V, 3.3 V, or 0
2.5
3.5
pF
Cio(OFF) A port
VCC = 3.3 V,
Switch OFF,
VIN = VCC or GND,
VI/O = 5.5 V, 3.3 V, or 0
3.5
5
pF
Cio(ON)
VCC = 3.3 V,
Switch ON,
VIN = VCC or GND,
VI/O = 5.5 V, 3.3 V, or 0
9
11
pF
VCC = 2.3 V,
VI = 0,
IO = 30 mA
4.5
8
ron#
VCC = 2.3 V,
TYP at VCC = 2.5 V VI = 1.7 V,
IO = −15 mA
4.8
9
ron#
VCC = 3 V
VI = 0,
IO = 30 mA
4.5
6
VCC = 3 V
VI = 2.4 V,
IO = −15 mA
4.6
8
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
¶ This parameter specifies the dynamic power-supply current associated with the operating frequency of a single control input (see Figure 2).
# Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 3)
PARAMETER
TEST CONDITIONS
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
TEST CONDITIONS
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fON||
ON
A or B
10
20
MHz
tpdk
A or B
B or A
0.135
0.225
ns
tPZH
BIASV = GND
ON
A or B
1.5
8.5
1.5
6.7
ns
tPZL
BIASV = 3 V
ON
A or B
1.5
8.5
1.5
6.7
ns
tPHZ
BIASV = GND
ON
A or B
1
5
1
5
ns
tPLZ
BIASV = 3 V
ON
A or B
1
6.9
1
6.9
ns
|| Maximum switching frequency for control input (VO > VCC, VI = 5 V, RL ≥ 1 MΩ, CL = 0).
k The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CB3Q6800DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q6800DBQR TI1-SN74CB3Q6800DBQR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - SN74CB3Q6800DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
logo
Texas Instruments
SN74CB3Q3244 TI-SN74CB3Q3244 Datasheet
559Kb / 17P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com