Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1035 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # T1035
Description  TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1035 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  T1035 Datasheet HTML 1Page - Pulse A Technitrol Company T1035 Datasheet HTML 2Page - Pulse A Technitrol Company T1035 Datasheet HTML 3Page - Pulse A Technitrol Company T1035 Datasheet HTML 4Page - Pulse A Technitrol Company T1035 Datasheet HTML 5Page - Pulse A Technitrol Company T1035 Datasheet HTML 6Page - Pulse A Technitrol Company T1035 Datasheet HTML 7Page - Pulse A Technitrol Company T1035 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
G003.U (2/07)
www.pulseeng.com
17
TRANSFORMERS, TRANSFORMER MODULES
ISDN U-Interface
1
THT
PE-65575
PE-68669
1.65:1
13.0 -18.0 1.100/ .750 / .430
T603
PE-65578
1.32:1
7.0 - 8.3
1.100/ .750 / .430
T603
PE-65579
2.00:1 25.5 - 28.5 1.100/ .950 / .450
T603
PE-65581
1.50:1
14.2-15.8 1.100/ .950 / .450
T603
PE-65583 PE-68631
1.50:1
25.6-28.4 1.100/ .950 / .450
T603
PE-65584 PE-68681
1.50:1
25.6-28.4 1.100/ .950 / .450
T603
PE-68628 PE-68668
1.25:1
26.5-29.5 1.100/ .950 / .450
T603
T4008
1.50:1
73.0-98.0
1.050/ .900/1.050
T616
PT4084
1:0.75:0.75
85.0
.800 /1.020/ .675 PT4084
PT5031
1:1.25
14.5
.800 /1.020/ .675 PT5031
PT5062
1:1.6CT
27.0
.800 /1.020/ .675 PT5062
PT5065
1:1.33CT
27.0
.800 /1.020/ .675 PT5065
T4022
1.6CS:1CT 8.41-2.60
.760 / .870 / .450
T625
1. Echo Cancellation Hybrid units PE-36005 and PE-36005W are also available.
Part Number
Turns
OCL
Package
Data
Ratio
Line Side
L/W/H (in.)*
Sheet
1.5-2.0 kV
2.5 kV
3 kV
(mH MIN)
SINGLE TRANSFORMERS, 1.5 kV ISOLATION
PCMCIA Type 2, SMT
T5002
1:1
22
.492 / .670 / .167
T631
T5003
1:2
22
.492 / .670 / .167
T631
T5004
1:2.5
22
.492 / .670 / .167
T631
SINGLE TRANSFORMERS, 2.0 kV ISOLATION
THT
PE-64993
1:1
22
.560 / .560 / .400
T604
PE-64994
1:1.8
22
.560 / .560 / .400
T604
PE-64995
1:2
22
.560 / .560 / .400
T604
PE-64996
1:2.5
22
.560 / .560 / .400
T604
PE-64998
1:2.5
22
.560 / .560 / .400
T604
PE-64999
1:2
22
.560 / .560 / .400
T604
DUAL TRANSFORMERS, 2.0 kV ISOLATION
THT
PE-65492
1:1 & 1:2
22
.920 / .560 / .400
T604
PE-65493
1:1 & 1:1
22
.920 / .560 / .400
T604
PE-65495
1:2 & 1:2
22
.920 / .560 / .400
T604
PE-65498
1:2.5 & 1:2.5
22
.920 / .560 / .400
T604
PE-65499
1:2 & 1:2
22
.920 / .560 / .400
T604
SMT
PE-65792
1:1 & 1:2
22
.950 / .720 / .390
T604
PE-65793
1:1 & 1:1
22
.950 / .720 / .390
T604
PE-65795
1:2 & 1:2
22
.950 / .720 / .390
T604
PE-65798
1:2.5 & 1:2.5
22
.950 / .720 / .390
T604
PE-65799
1:2 & 1:2
22
.950 / .720 / .390
T604
ST5048 1CS:2.5CS & 1CS:2.5CS
22
.987 / .575 / .340
ST5048
ST5069
1CS:2CS & 1CS:2CS
22
.987 / .575 / .340
ST5069
ISDN S-Interface — Single, Dual
Part
Turns
Primary Inductance
Package
Data
Number
Ratio
OCL (mH MIN)
L/W/H (in.)*
Sheet
DUAL TRANSFORMERS, 2.0 kV ISOLATION
(continued)
Low Profile, SMT
T5005
1:2.5 & 1:2.5
22
.950 / .720 / .295
T613
T5006
1:2 & 1:2
22
.950 / .720 / .295
T613
T5007
1:2 & 1:2
22
.950 / .720 / .295
T613
T5008
1:1 & 1:1
22
.950 / .720 / .295
T613
T5009
1:1 & 1:2
22
.950 / .720 / .295
T613
T5010
1:1.8 & 1:1.8
22
.950 / .720 / .295
T613
SINGLE TRANFORMERS, 3.0 kV ISOLATION
Reinforced Insulation per IEC 950, THT
PE-68992
1:2CT
22
.750 / .750 / .500
T604
PE-68993
1:1
22
.750 / .750 / .500
T604
PE-68995
1:2
22
.750 / .750 / .500
T604
PE-68998
1:2.5
22
.750 / .750 / .500
T604
PE-68999
1:2
22
.750 / .750 / .500
T604
T5035
1CT:2CT
30
.578 / .648 / .565
T636
DUAL TRANSFORMERS, 3.0 kV ISOLATION
SMT
T5042
1:2 & 1:2
22
1.092 / .726 / .430
T638
T5043
1:2.5 & 1:2.5
22
1.092 / .726 / .430
T638
ISDN S-Interface — Single, Dual
(continued)
Part
Turns
Primary Inductance
Package
Data
Number
Ratio
OCL (mH MIN)
L/W/H (in.)*
Sheet
SMT
T7002
1CT:1CT
40
.530 / .695 / .485
T629
T7006
1CT:1CT
40
.410 / .525 / .365
T629
SMT
Isolation Voltage
T6003
1:1
1500
.530 / .695 / .485
T628
DDS / Switched 56
Audio / Voice Band
Part
Turns
Pri. Inductance
OCL
Package
Data
Number
Ratio
OCL (mH MIN) (mH MIN) L/W/H (in.)*
Sheet
Transformer
Choke
THT
T5011
1CT:1CT & 1CT:1CT
30
4.70
1.150 / .420 / .590 T632
T5012
1CT:2CT & 1CT:2CT
30
4.70
1.150 / .420 / .590 T632
T5013
1CT:2.5CT & 1CT:2.5CT
30
4.70
1.150 / .420 / .590 T632
T5015
1:2CT & 1:2CT
30
4.70
1.150 / .420 / .590 T632
SMT
T5034
1CT:2CT & 1CT:2CT
30
4.70
1.170 / .660 / .320 T635
T5037 1CT:2.5CT & 1CT:2.5CT
30
4.70
1.170 / .660 / .320 T635
T5038
1CT:2CT & 1CT:2CT
30
0.47
1.170 / .660 / .320 T635
T5039 1CT:2.5CT & 1CT:2.5CT
30
0.47
1.170 / .660 / .320 T635
ST5201
1CS:2CS & 1CS:2CS
22
0.42
.987 / .575 / .340 ST5201
T5049
1CT:1CT & 1CT:1CT
30
4.70
1.170 / .660 / .320 T635
ISDN S-Interface Modules, Transformer & Choke
Part
Turns
Primary Inductance
Package
Data
Number
Ratio
OCL (mH MIN)
L/W/H (in.)*
Sheet
THT
T6074 1
1:1
.225
.350 / .500 / .250
T688
T6075
1:1
.225
.350 / .500 / .250
T688
PE-65948
1CT:1CT
3.5 - 6.5
.350 / .500 / .250
T602
PE-65612
1:1
2.5
.350 / .500 / .250
T601
SMT
PE-65848
1CS:1CS
3.5 - 6.5
.480 / .600 / .340
T602
PE-65812
1:1
2.5
.480 / .600 / .340
T601
1. With shield
Echelon® & Digital Audio, Single
SMT - Surface Mount Package
THT - Through Hole Package
*L/W/H is measured on surface mount parts tip to tip (height includes wash area).
TELECOMMUNICATIONS PRODUCTS
Telecommunications Products
Part
Turns
Primary Inductance
Package
Data
Number
Ratio
OCL (mH MIN)
L/W/H (in.)*
Sheet
SMT
T4001
1.25:1
26.5 - 30.0
.760 / .870 / .500
T614
T4002
1.65:1
15.0 - 18.0
.760 / .870 / .500
T614
T4004
1.50:1
25.6 - 28.4
.760 / .870 / .500
T614
T4006
1.50:1
14.2 - 15.8
.760 / .870 / .500
T614
T4031
1.65CS:1CT
13.0 - 18.0
.695 / .530 / .485
T624
T4032
1.25CS:1CT
11.9 - 16.1
.695 / .530 / .485
T624
T4033
1.25CS:1CT
26.6 - 29.4
.695 / .530 / .485
T624
T4043
2CS:1CS
13.5 -16.5
.695 / .530 / .485
T624
T4067
1.32CS:1
7.5 - 8.3
.695 / .530 / .485
T624
1. Echo Cancellation Hybrid units PE-36005 and PE-36005W are also available.


Similar Part No. - T1035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1035 STMICROELECTRONICS-T1035 Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
T1035-6G STMICROELECTRONICS-T1035-6G Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
T1035-6G-TR STMICROELECTRONICS-T1035-6G-TR Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T1035H-6G STMICROELECTRONICS-T1035H-6G Datasheet
135Kb / 10P
   High temperature 10 A Triacs
More results

Similar Description - T1035

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF00123D1 XFMRS-XF00123D1 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
52Kb / 1P
   TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
   TRANSFORMERS
XF01962-20 XFMRS-XF01962-20_15 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
   TRANSFORMERS
XF5006T7 XFMRS-XF5006T7_15 Datasheet
67Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
42Kb / 1P
   TRANSFORMERS
XF00123D XFMRS-XF00123D Datasheet
39Kb / 1P
   TRANSFORMERS
XF0506-CM4 XFMRS-XF0506-CM4 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0356-CM1 XFMRS-XF0356-CM1 Datasheet
87Kb / 1P
   TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com