Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9948AEY Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI9948AEY
Description  Dual P-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI9948AEY Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si9948AEY
Vishay Siliconix
Document Number: 70759
S-57253—Rev. B, 24-Feb-98
www.vishay.com
S FaxBack 408-970-5600
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
3
6
9
12
15
0123456
0
3
6
9
12
15
012345
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0
2
4
6
8
10
02468
10
0.6
0.9
1.2
1.5
1.8
2.1
–50
–25
0
25
50
75
100
125
150
175
0
0.1
0.2
0.3
0.4
0369
12
15
25
_C
150
_C
VGS = 10 V
Crss
Coss
Ciss
3 V
VGS = 4.5 V
TC = –55_C
VDS = 30 V
ID = 2.6 A
VGS = 10 V
ID = 2.6 A
VGS = 10 through 6 V
4 V
5 V
0
200
400
600
800
0
102030405060


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn