Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1415223 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 1415223
Description  Pressure compensation element - A-INB-M12-69KN-P-BK
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1415223 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/1415223
08/11/2016   Page 2 / 2
Pressure compensation element - A-INB-M12-69KN-P-BK - 1415223
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C
General
Material
Polyamide
Cable gland material
Polyamide
O-ring material
Perbunan
Thread type on connection side
M12
Torque
0.5 Nm ... 1 Nm (Flange)
Color
black
Drawings
Dimensional drawing
17,5
10
17
Classifications
eCl@ss
eCl@ss 5.1
27149109
eCl@ss 6.0
27149109
eCl@ss 8.0
27379201
eCl@ss 9.0
27379201
ETIM
ETIM 5.0
EC002498
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn