Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1415223 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1415223
Description  Pressure compensation element - A-INB-M12-69KN-P-BK
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1415223 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1415223
08/11/2016   Page 1 / 2
Pressure compensation element - A-INB-M12-69KN-P-BK - 1415223
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Pressure compensation element, Cable gland material: Polyamide, Polyamide, Connecting
thread: M12, Color: black
Why buy this product
reduces the formation of condensation
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
5 STK
Weight per Piece (excluding packing)
4.0 g
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Length
17.5 mm
Length without connecting thread
7.5 mm
Connecting thread diameter
12 mm
Wrench size, union nut
17 mm
Hexagon angular dimension GRP
18.5 mm
Length of the connecting thread
10 mm
Ambient conditions
Degree of protection
IP66
IP67
IP69K


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn