Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9181DQ-20-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9181DQ-20-T1
Description  Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9181DQ-20-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9181DQ-20-T1 Datasheet HTML 1Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 2Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 3Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 4Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 5Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 6Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 7Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 8Page - Vishay Siliconix SI9181DQ-20-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Si9181
Vishay Siliconix
Document Number: 71119
S-40694—Rev. D, 19-Apr-04
www.vishay.com
1
Micropower 350-mA CMOS LDO Regulator
With Error Flag/Power-On-Reset
FEATURES
D Low 150-mV Dropout at 350-mA Load
D Guaranteed 350-mA Output Current
D 600-mA Peak Output Current Capability
D Uses Low ESR Ceramic Output Capacitor
D Fast Load and Line Transient Response
D Only 100-mV(rms) Noise With Noise Bypass
Capacitor
D 1-mA Maximum Shutdown Current
D Built-in Short Circuit and Thermal Protection
D Out-Of-Regulation Error Flag (Power Good or POR)
D Fixed 1.5-V, 1.8-V, 2.0-V, 2.5-V, 2.8-V, 2.85-V, 2.9 V,
3.0-V, 3.3-V, 5.0-V, or Adjustable Output Voltage
Options
D Other Output Voltages Available by Special Order
APPLICATIONS
D Cellular Phones
D Laptop and Palm Computers
D PDA, Digital Still Cameras
DESCRIPTION
The Si9181 is a 350-mA CMOS LDO (low dropout) voltage
regulator. The device features ultra low ground current and
dropout voltage to prolong battery life in portable electronics.
The Si9181 offers line/load transient response and ripple
rejection superior to that of bipolar or BiCMOS LDO regulators.
The device is designed to maintain regulation while delivering
600-mA peak current. This is useful for systems that have high
surge current upon turn-on. The Si9181 is designed to drive
the lower cost ceramic, as well as tantalum, output capacitors.
The device is guaranteed stable from maximum load current
down to 0-mA load. In addition, an external noise bypass
capacitor connected to the device’s CNOISE pin will lower the
LDO’s output noise for low noise applications.
The Si9181 also includes an out-of-regulation error flag. When
the output voltage is 5% below its nominal output voltage, the
error flag output goes low. If a capacitor is connected to the
device’s delay pin, the error flag output pin will generate a
delayed power-on-reset signal.
The Si9181 is available in both standard and lead (Pb)-free
packages.
TYPICAL APPLICATIONS CIRCUITS
FIGURE 1.
Fixed Output
FIGURE 2.
Adjustable Output
FIGURE 3.
Low Noise, Full Features Application
CNOISE
SD
18
DELAY
ERROR
27
GND
SENSE/ADJ
36
VIN
VOUT
45
GND
VIN
2.2 mF
2.2 mF
VOUT
Si9181
CNOISE
18
DELAY
ERROR
27
GND SENSE/ADJ
36
VIN
VOUT
45
GND
VIN
2.2 mF
2.2 mF
VOUT
Si9181
CNOISE
18
DELAY
ERROR
27
GND SENSE/ADJ
36
VIN
VOUT
45
GND
VIN
2.2 mF
2.2 mF
VOUT
Si9181
POR
ON/OFF
0.1 mF
0.1 mF
1 MW
SD
SD


Similar Part No. - SI9181DQ-20-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181DQ-25-T1 VISHAY-SI9181DQ-25-T1 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9181DQ-25-T1-E3 VISHAY-SI9181DQ-25-T1-E3 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9181DQ-28-T1 VISHAY-SI9181DQ-28-T1 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9181DQ-28-T1-E3 VISHAY-SI9181DQ-28-T1-E3 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
More results

Similar Description - SI9181DQ-20-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
ON Semiconductor
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com