Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9169DQ-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9169DQ-T1-E3
Description  High Frequency 1-A Synchronous Buck/Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9169DQ-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9169DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9169DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Si9169
Vishay Siliconix
Document Number: 70945
S-40695—Rev. D, 19-Apr-04
www.vishay.com
1
High Frequency 1-A Synchronous Buck/Boost Converter
FEATURES
D Voltage Mode Control
D Fully Integrated MOSFET Switches
D 2.7-V to 6-V Input Voltage Range
D Programmable PWM/PSM Control
− Up to 1-A Output Current @ 3.6 V in PWM
− Up to 2-MHz Adjustable Switching Frequency in PWM
− Less than 200-mA Quiescent Current in PSM
D Integrated UVLO and POR
D Integrated Soft-Start
D Synchronization
D Shutdown Current <1 mA
DESCRIPTION
The Si9169 provides fully integrated synchronous buck or
boost converter solution for the latest one cell Lithium Ion
cellular phones. Capable of delivering up to 1 A of output
current at +3.6 V, the Si9169 provides ample power for various
baseband circuits as well as for some PAs. It combines the
2-MHz switching controller with fully integrated high-frequency
MOSFETs to deliver the smallest and most efficient converter
available today. The 2-MHz switching frequency reduces the
inductor height to new level of 2 mm and minimizes the output
capacitance requirement to less than 10 mF with peak-to-peak
output ripple as low as 10 mV. Combined with low-gate charge
high-frequency MOSFETs, the Si9169 delivers efficiency up to
95%. The programmable pulse skipping mode maintains this
high efficiency even during the standby and idle modes to
increase overall battery life and talktime. In order to extract the
last ounce of power from the battery, the Si9169 is designed
with 100% duty cycle control for buck mode. With 100% duty
cycle, the Si9169 operates like a saturated linear regulator to
deliver the highest potential output voltage for longer talktime.
Si9169 can be a drop-in replacement of Si9165 provided Pin 1
is not connected. For full 1A load condition, Pin 1 is required
to be connected to low power controller ground.
The Si9169 is available in both standard and lead (Pb)-free
TSSOP-20 pin package. In order to satisfy the stringent
ambient temperature requirements, the Si9169 is rated to
handle the industrial temperature range of −25_C to 85_C and
−40_C to 85_C.
FUNCTIONAL BLOCK DIAGRAM
VDD
MODE
SHUTDOWN
PWM/PSM
SYNC
VO
VS
VIN/OUT
FB
COMP
ROSC
REF
PGND GND
COIL
OUTPUT
0 X 1 A
INPUT
2.7 X 6 V
Boost Configuration
Buck Configuration
VIN/OUT
VS
VDD
SHUTDOWN
PWM/PSM
SYNC
COIL
PGND
FB
COMP
ROSC
REF
PGND GND
VO
OUTPUT
0 X 1 A
INPUT
2.7 X 6 V
MODE


Similar Part No. - SI9169DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169DQ-T1-E3 VISHAY-SI9169DQ-T1-E3 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
More results

Similar Description - SI9169DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5-A Synchronous Boost Converter
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com