Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100404280001 Datasheet(PDF) 1 Page - ERNI Electronics

Part No. 100404280001
Description  M 2.54 SRC-P, 2-polig
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ERNI [ERNI Electronics]
Homepage  http://www.erni.com
Logo 

100404280001 Datasheet(HTML) 1 Page - ERNI Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 320 Stück
Packaging unit: 320 pcs
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
a1
16
ohne Ansaughaube
without hood
1,8
7,84
0,3
2,1
0,6
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
1,6
±0,05
2,54
-0,03
0,4
1,02
1,95
8,84
3,15 ±0,03
Index
SRCP
contact one of the ERNI companies
prior notice.
A3
Class
g
M 2,54 SRC-P, 2-polig
100404280001
3:1
coding, black
K
24.03.2016
Scale
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
www.ERNI.com
before using.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung, schwarz -
Date
Ansaughaube
hood
10,34
8,84
8,4
-0,06
1,5
±0,05
6
5
a1
11,54
2,54


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn