Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9169BQ-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9169BQ-T1
Description  High Frequency 1-A Synchronous Buck/Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9169BQ-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9169BQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 5Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 6Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 7Page - Vishay Siliconix SI9169BQ-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si9169
Vishay Siliconix
www.vishay.com
2
Document Number: 70945
S-40695—Rev. D, 19-Apr-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to GND
VDD
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE, PWM/PSM, SYNC, SD,
VREF, ROSC COMP, FB
−0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
VO
−0.3 V to VS +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PGND
"0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltages Referenced to PGND
VS, VIN/OUT
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
COIL
−0.4 V to VIN/OUT +0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current
3 A for 1 ms
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Output Current
1.4 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
20-Pin TSSOP (Q Suffix)b
1.0 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (ΘJA)
20-Pin TSSOPc
90_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
Si9169BQ
−25 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Si9169DQ
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 11 mW/
_C above 60_C.
c.
With Pin 1 connected to GND plane.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Voltages Referenced to GND
VDD
2.7 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE, PWM/PSM, SYNC, SD
0 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltages Referenced to PGND
VS, VIN/OUT
2.7 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fosc
200 kHz to 2 MHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Rosc
25 kW to 300 kW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VREF Capacitor
0.1 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
Limitse
Parameter
Symbol
Unless Otherwise Specified
2.7 V < VDD < 6V,
VIN/OUT = 3.3 V, VS = 3.3 V
Mina
Typb
Maxa
Unit
Reference
Output Voltage
VREF
IREF = 0
1.265
1.3
1.330
V
Output Voltage
VREF
TA = 25°C, IREF = 0
1.280
1.3
1.320
V
Load Regulation
DVREF
VDD = 3.3 V, −500 µA < IREF <0
3
mV
Power Supply Rejection
PSRR
60
dB
UVLO
Under Voltage Lockout (turn-on)
VUVLOLH
2.3
2.4
2.5
V
Hysteresis
VHYS
VUVLOLH − VUVLOHL
0.1
V
Soft-Start Time
SS time
tss
6
ms
MODE
Logic High
VIH
0.7 VDD
V
Logic Low
VIL
0.3 VDD
V
Input Current
IL
−1.0
1.0
mA
SD, SYNC, PWM/PSM
Logic High
VIH
2.4
V
Logic Low
VIL
0.8
V
Input Current
IL
−1.0
1.0
mA


Similar Part No. - SI9169BQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169BQ-T1-E3 VISHAY-SI9169BQ-T1-E3 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
More results

Similar Description - SI9169BQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5-A Synchronous Boost Converter
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com