Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDA16A-S11 Datasheet(PDF) 2 Page - Vitec Power

Part # SIDA16A-S11
Description  15W Desktop Power Supply For Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA16A-S11 Datasheet(HTML) 2 Page - Vitec Power

  SIDA16A-S11 Datasheet HTML 1Page - Vitec Power SIDA16A-S11 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
100
KHrs
Derate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: 165gs approx.
3.
(Exclude the input cord)
4.
Optional output connector.


Similar Part No. - SIDA16A-S11

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA16A-S11 Vitec-SIDA16A-S11 Datasheet
434Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results

Similar Description - SIDA16A-S11

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA16B Vitec-SIDA16B Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16A Vitec-SIDA16A Datasheet
434Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16C-SERIES Vitec-SIDA16C-SERIES Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SMDA15A-SERIES Vitec-SMDA15A-SERIES Datasheet
237Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15A Vitec-SMDA15A Datasheet
237Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15B Vitec-SMDA15B Datasheet
221Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15C Vitec-SMDA15C Datasheet
217Kb / 2P
   15W Desktop Power Supply For Medical Equipment
STDA16A Vitec-STDA16A Datasheet
438Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com