Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHFA31-S09 Datasheet(PDF) 1 Page - Vitec Power

Part # SHFA31-S09
Description  30W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHFA31-S09 Datasheet(HTML) 1 Page - Vitec Power

  SHFA31-S09 Datasheet HTML 1Page - Vitec Power SHFA31-S09 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHFA31 SERIES
30W Open-Frame Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
Internal EMI Filter
Output Voltage Available From 5VDC Thru 40VDC
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series
crimp terminal
Output connector mates with Molex housing 09-50-3041and Molex 2478 series
crimp terminal
Single Output
Size: 1.5"x4"x0.83
Class II Insulation
Input Surge Current, Over Load and Over Voltage Protection
Solution for Health Care Equipment
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SHFA31-S02
5 ~ 6 VDC
4.00 ~ 3.33 A
5%
20W
SHFA31-S03
6 ~ 8 VDC
3.83 ~2.87 A
5%
23W
SHFA31-S04
8 ~ 11 VDC
3.37 ~ 2.45 A
5%
27W
SHFA31-S05
11 ~ 13 VDC
2.72 ~ 2.31 A
5%
30W
SHFA31-S06
13 ~ 16 VDC
2.31 ~ 1.88 A
5%
30W
SHFA31-S07
16 ~ 21 VDC
1.88 ~ 1.43 A
5%
30W
SHFA31-S08
21 ~ 27 VDC
1.43 ~ 1.12 A
3%
30W
SHFA31-S09
27 ~ 33 VDC
1.12 ~ 0.91 A
3%
30W
SHFA31-S10
33 ~ 40 VDC
0.91 ~ 0.76 A
3%
30W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
0.8
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.3
0.4
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
15
18
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
25
30
A
Efficiency
Io=Full Load, Vin=230VAC
75
85
89
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
18
mS
Start Up Time
Io=Full Load,
Vin=100VAC
0.25
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0 .5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.1
0.3
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SHFA31-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHFA31-S09 Vitec-SHFA31-S09 Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
More results

Similar Description - SHFA31-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHFA31 Vitec-SHFA31 Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
SMFA30 Vitec-SMFA30 Datasheet
371Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
SMFA30-SERIES Vitec-SMFA30-SERIES Datasheet
371Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
STFA31 Vitec-STFA31 Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
   30W Open Frame Switching Power Supplies For Medical Equipment
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA151-SERIES Vitec-SMFA151-SERIES Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
logo
Foshan Blue Rocket Elec...
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com