Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9145 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI9145
Description  Low-Voltage Switchmode Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9145 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9145 Datasheet HTML 2Page - Vishay Siliconix SI9145 Datasheet HTML 3Page - Vishay Siliconix SI9145 Datasheet HTML 4Page - Vishay Siliconix SI9145 Datasheet HTML 5Page - Vishay Siliconix SI9145 Datasheet HTML 6Page - Vishay Siliconix SI9145 Datasheet HTML 7Page - Vishay Siliconix SI9145 Datasheet HTML 8Page - Vishay Siliconix SI9145 Datasheet HTML 9Page - Vishay Siliconix SI9145 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Si9145
Vishay Siliconix
www.vishay.com
8
Document Number: 70021
S-40710—Rev. K, 19-Apr-04
PIN CONFIGURATIONS
13
VDD
VS
MODE SELECT
OUTPUT
DMAX/SS
PGND
COMP
UVLOSET
FB
NI
VREF
ENABLE
OTS
COSC
GND
ROSC
SOIC-16
14
15
16
2
3
4
1
10
11
12
5
6
7
9
8
Top View
13
VDD
VS
MODE SELECT
OUTPUT
DMAX/SS
PGND
COMP
UVLOSET
FB
NI
VREF
ENABLE
OTS
COSC
GND
ROSC
TSSOP-16
14
15
16
2
3
4
1
10
11
12
5
6
7
9
8
Top View
ORDERING INFORMATION−SOIC-16
Part Number
Temperature Range
Si9145BY-T1
25_ to 85_C
Si9145BY-T1—E3
−25_ to 85_C
ORDERING INFORMATION−TSSOP-16
Part Number
Temperature Range
Si9145BQ-T1
25_ to 85_C
Si9145BQ-T1—E3
−25_ to 85_C
PIN DESCRIPTION
Pin 1: VDD
The positive power supply for all functional blocks except
output driver. A bypass capacitor of 0.1 mF (minimum) is
recommended.
Pin 2: MODE SELECT
This pin is used to enable maximum duty cycle limit and set
output polarity of controller. When connected to VDD, the
maximum duty cycle function is controlled by the DMAX/SSpin.
The maximum duty cycle limit is usually used for forward,
flyback, and boost converters. The output polarity is high when
the PWM circuitry requires the external device to be turned on.
When connected to GND, the maximum duty cycle is not
limited (usually for buck converters driving a p-channel MOS).
The output polarity is low when the PWM circuitry requires the
external PMOS to be turned on.
Pin 3: DMAX/SS
DMAX/SS pin controls the maximum duty cycle achievable by
the PWM circuitry when the MODE SELECT = VDD.
When DMAX/SS is at less than 1.0 V (typical) the OUTPUT is
held low (0% duty cycle). When DMAX/SS is at more than 1.5 V
(typical), the PWM circuitry can achieve 100% duty cycle. With
voltage at DMAX/SS between 1.0 V and 1.5 V, the maximum
duty cycle is proportionally limited to this voltage.
The addition of external components can implement a soft
start function.
Pin 4: COMP
This pin is the output of the error amplifier. A compensation
network is connected from this pin to the FB pin to stabilize the
system. This pin drives one input of the internal pulse width
modulation comparator.
Pin 5: FB
The inverting input of the error amplifier. External resistors are
connected to this pin to set the regulated output voltage. The
compensation network is also connected to this pin.
Pin 6: NI
The non-inverting input of the error amplifier. In normal
operation it is externally connected to the VREF pin.
Pin 7: VREF
This pin supplies 1.5 V trimmed to "1.5%. The reference
voltage is generated by a band-gap reference.
Pin 8: GND
Negative return for VDD.


Similar Part No. - SI9145

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9145 VISHAY-SI9145 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results

Similar Description - SI9145

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9114A VISHAY-SI9114A Datasheet
80Kb / 5P
   High-Frequency Switchmode Controller
Rev. E, 15-Nov-04
SI9120 VISHAY-SI9120_V01 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
SI9120 VISHAY-SI9120 Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com