Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6875DQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI6875DQ
Description  Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6875DQ Datasheet(HTML) 3 Page - Vishay Siliconix

  SI6875DQ Datasheet HTML 1Page - Vishay Siliconix SI6875DQ Datasheet HTML 2Page - Vishay Siliconix SI6875DQ Datasheet HTML 3Page - Vishay Siliconix SI6875DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si6875DQ
Vishay Siliconix
New Product
Document Number: 71230
S-01235—Rev. A, 12-Jun-00
www.vishay.com
S FaxBack 408-970-5600
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0
1
2
3
4
5
0
6
12
18
24
30
0
0.02
0.04
0.06
0.08
0.10
0
6
12
18
24
30
VDS – Drain-to-Source Voltage (V)
Crss
VDS = 10 V
ID = 6.4 A
ID – Drain Current (A)
VGS = 4.5 V
ID = 6.4 A
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.02
0.04
0.06
0.08
024
68
TJ = 25_C
ID = 6.4 A
30
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
VGS = 4.5 V
TJ = 150_C
VGS = 2.5 V
VGS = 1.8 V
0
500
1000
1500
2000
2500
3000
3500
4000
0
4
8
12
16
20
Coss
Ciss


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI7900EDN Dual N-Channel 20-V D-S MOSFET Common Drain 1  2  3  4  5  Vishay Siliconix
SI6874EDQ Dual N-Channel 20-V D-S MOSFET Common Drain 1  2  3  4  5  Vishay Siliconix
SI4943DY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7911DN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4913DY Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix
SI7901EDN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI8435DB Dual P-Channel 20-V D-S MOSFET 1  2  3  Vaishali Semiconductor
SI9933ADY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI3909DV Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn