Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6875DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI6875DQ
Description  Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6875DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6875DQ Datasheet HTML 1Page - Vishay Siliconix SI6875DQ Datasheet HTML 2Page - Vishay Siliconix SI6875DQ Datasheet HTML 3Page - Vishay Siliconix SI6875DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si6875DQ
Vishay Siliconix
New Product
Document Number: 71230
S-01235—Rev. A, 12-Jun-00
www.vishay.com
S FaxBack 408-970-5600
2-1
Dual P-Channel 20-V (D-S) MOSFET, Common Drain
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.027 @ VGS = –4.5 V
–6.4
–20
0.036 @ VGS = –2.5 V
–5.5
0.052 @ VGS = –1.8 V
–4.6
Si6875DQ
D1
S1
S1
G1
1
2
3
4
8
7
6
5
D2
S2
S2
G2
TSSOP-8
Top View
D
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
–20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
–6.4
–5.2
A
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
–5.1
–4.1
A
Pulsed Drain Current (10
ms Pulse Width)
IDM
–30
A
Continuous Source Current (Diode Conduction)a
IS
–1.6
–1.08
Maximum Power Dissipationa
TA = 25_C
PD
1.78
1.19
W
Maximum Power Dissipationa
TA = 70_C
PD
1.14
0.76
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
v 10 sec
RthJA
55
70
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
85
105
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
35
45
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI7900EDN Dual N-Channel 20-V D-S MOSFET Common Drain 1  2  3  4  5  Vishay Siliconix
SI6874EDQ Dual N-Channel 20-V D-S MOSFET Common Drain 1  2  3  4  5  Vishay Siliconix
SI4943DY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7911DN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4913DY Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix
SI7901EDN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI8435DB Dual P-Channel 20-V D-S MOSFET 1  2  3  Vaishali Semiconductor
SI9933ADY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI3909DV Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn