Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCA-07-151M Datasheet(PDF) 3 Page - Abracon Corporation

Part # ATCA-07-151M
Description  LOW EMI TOROIDAL INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCA-07-151M Datasheet(HTML) 3 Page - Abracon Corporation

  ATCA-07-151M Datasheet HTML 1Page - Abracon Corporation ATCA-07-151M Datasheet HTML 2Page - Abracon Corporation ATCA-07-151M Datasheet HTML 3Page - Abracon Corporation ATCA-07-151M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TOLERANCE
M±20%
ATCA-
INDUCTANCE CODE
Please refer to the table
above
MOUNT TYPE
H: Horizontal
V: Vertical
SERIES #
1
2
3
4
5
6
7
8
-
-
ATCA series
Pb RoHS/RoHS II Compliant
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com
REVISED: 06/10/2016
STANDARD SPECIFICATIONS
Part No. ATCA-07
Inductance Code
L(µH)
Tolerance
DCR(Ω)
IDC(A)
Dimension
(mm)
E (dia.)
(%)
(max)
(max)
(Nom)
ATCA-07-300M
30
M
0.009
10.0
1.60
ATCA-07-350M
35
M
0.010
10.0
1.60
ATCA-07-560M
56
M
0.020
7.0
1.30
ATCA-07-680M
68
M
0.021
7.0
1.30
ATCA-07-820M
82
M
0.023
7.0
1.30
ATCA-07-101M
100
M
0.036
5.0
1.00
ATCA-07-151M
150
M
0.053
4.0
1.00
ATCA-07-201M
200
M
0.078
3.0
0.85
ATCA-07-301M
300
M
0.142
2.0
0.70
ATCA-07-851M
850
M
0.211
2.0
0.70
Part No. ATCA-08
Inductance Code
ATCA-08-750M
75
M
0.014
10.0
1.60
ATCA-08-131M
130
M
0.031
7.0
1.30
ATCA-08-201M
200
M
0.056
5.0
1.00
ATCA-08-251M
250
M
0.027
10.0
1.60
ATCA-08-471M
470
M
0.064
7.0
1.30
ATCA-08-681M
680
M
0.105
5.0
1.00
LOW EMI TOROIDAL INDUCTORS
PART IDENTIFICATION AND ORDERING INFORMATION


Similar Part No. - ATCA-07-151M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCA-07-151M ABRACON-ATCA-07-151M Datasheet
433Kb / 4P
   Solar inverters
06/10/2016
More results

Similar Description - ATCA-07-151M

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LCP1-3.00-2.2 TALEMA-LCP1-3.00-2.2 Datasheet
74Kb / 2P
   Miniature Low Cost Toroidal Inductors
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
   Radial Toroidal Inductors
2020-00K API-2020-00K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com