Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI1022R Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI1022R
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI1022R Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si1022R
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71331
S-03049—Rev. A, 05-Feb-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
60
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 0.25 mA
1
2.5
V
VDS = 0 V, VGS = "10 V
"150
Gate-Body Leakage
IGSS
TJ = 85_C
"500
"
"
VDS = 0 V, VGS = "5 V
"20
nA
VDS = 50 V, VGS = 0 V
10
Zero Gate Voltage Drain Current
IDSS
TJ = 85_C
100
m
VDS = 60 V, VGS = 0 V
1
mA
VDS = 10 V, VGS = 4.5 V
500
On-State Drain Currenta
ID(on)
VDS = 7.5 V, VGS = 10 V
800
mA
VGS = 4.5 V, ID = 200 mA
3.0
TJ = 125_C
5.0
W
Drain-Source On-Resistancea
rDS(on)
VGS = 10 V, ID = 500 mA
1.25
W
TJ = 125_C
2.25
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
100
mS
Diode Forward Voltagea
VSD
VGS = 0 V, IS = 200 mA
1.30
V
Dynamicb
Input Capacitance
Ciss
30
pF
Output Capacitance
Coss
VDS = 25 V, VGS = 0 V
f = 1 MHz
6
Reverse Transfer Capacitance
Crss
f = 1 MHz
2.5
nC
Gate Charge
Qg
VDS =10 V, ID = 250 mA
VGS = 4.5 V
0.6
nC
Switchingb, c
Turn-On Time
t(on)
VDD = 30 V, RL = 150 W
25
Turn-Off Time
t(off)
ID = 200 mA, VGEN = 10 V
RG = 10 W
35
ns
Notes
a.
Pulse test: PW
v300 ms duty cycle v2%.
TNJO60
b.
For DESIGN AID ONLY, not subject to production testing.
c.
Switching time is essentially independent of operating temperature.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn