Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI1022R Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI1022R
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI1022R Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si1022R
Vishay Siliconix
New Product
Document Number: 71331
S-03049—Rev. A, 05-Feb-01
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS(min) (V)
rDS(on) (W)
VGS(th) (V)
ID (mA)
60
1.25 @ VGS = 10 V
1 to 2.5
330
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 1.25 W
D Low Threshold: 2.5 V
D Low Input Capacitance: 30 pF
D Fast Switching Speed: 25 ns
D Low Input and Output Leakage
D Miniature Package
D Low Offset Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Error Voltage
D Small Board Area
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
D Solid-State Relays
Marking Code: E
SC-75A
(SOT-416)
1
2
3
G
S
D
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
"20
V
TA = 25_C
330
Continuous Drain Currenta
TA = 85_C
ID
240
mA
Pulsed Drain Currenta
IDM
650
TA = 25_C
250
Power Dissipationa
TA = 85_C
PD
130
mW
Thermal Resistance, Maximum Junction-to-Ambienta
RthJA
500
_C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
c.
Surface Mounted on FR4 Board, Power Applied for t
v10 sec.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn