Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCA-04-820M Datasheet(PDF) 4 Page - Abracon Corporation

Part # ATCA-04-820M
Description  LOW EMI TOROIDAL INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCA-04-820M Datasheet(HTML) 4 Page - Abracon Corporation

  ATCA-04-820M Datasheet HTML 1Page - Abracon Corporation ATCA-04-820M Datasheet HTML 2Page - Abracon Corporation ATCA-04-820M Datasheet HTML 3Page - Abracon Corporation ATCA-04-820M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LOW EMI TOROIDAL INDUCTORS
ATCA Series
Pb RoHS/RoHS II Compliant
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com
REVISED: 06/10/2016
MECHANICAL DIMENSIONS (ALL DIMENSIONS ARE IN mm)
PACKAGING INFORMATION
Vertical
Horizontal
Series #
A
B
C
D
F
1
18.0 Max 11.5 Max
11.0 Max 17.5 Max 15.0 Max
2
22.0 Max 12.5 Max 12.0 Max 21.5 Max 15.0 Max
3
24.0 Max 11.5 Max 10.5 Max 23.0 Max 15.0 Max
4
27.0 Max 13.5 Max 12.5 Max 26.0 Max 15.0 Max
5
30.0 Max 17.0 Max 16.0 Max 29.0 Max 15.0 Max
6
32.0 Max 16.0 Max 15.0 Max 30.0 Max 15.0 Max
7
36.0 Max 19.5 Max 18.0 Max 34.5 Max 15.0 Max
8
42.5 Max 21.5 Max 20.0 Max 41.0 Max 15.0 Max
Series #
Packing
#Pcs/Tray
Box Size (mm)
1
300pcs/tray
190 x 105 x 60
2
200pcs/tray
190 x 105 x 60
3
150pcs/tray
190 x 105 x 60
4
100pcs/tray
190 x 105 x 60
5
50pcs/tray
190 x 105 x 60
6
30pcs/tray
190 x 105 x 60
7
24pcs/tray
190 x 105 x 60
8
20pcs/tray
190 x 105 x 60


Similar Part No. - ATCA-04-820M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCA-04-820M ABRACON-ATCA-04-820M Datasheet
433Kb / 4P
   Solar inverters
06/10/2016
More results

Similar Description - ATCA-04-820M

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LCP1-3.00-2.2 TALEMA-LCP1-3.00-2.2 Datasheet
74Kb / 2P
   Miniature Low Cost Toroidal Inductors
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
   Radial Toroidal Inductors
2020-00K API-2020-00K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com