Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93662PBT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S93662PBT
Description  Voltage Monitor and Reset Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S93662PBT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S93662PBT Datasheet HTML 1Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 2Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 3Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 4Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 5Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 6Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 7Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 8Page - List of Unclassifed Manufacturers S93662PBT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
S93662/S93663
© SUMMIT MICROELECTRONICS, Inc. 2000
2012 2.0 4/18/00
Characteristics subject to change without notice
Precision Supply-Voltage Monitor and Reset Controller
SUMMIT
MICROELECTRONICS, Inc.
FEATURES
Precision Monitor & RESET Controller
— RESET and RESET Outputs
— Guaranteed RESET Assertion to VCC = 1V
— 200ms Reset Pulse Width
— Internal 1.26V Reference with ±1% Accuracy
— ZERO External Components Required
Memory
— 4K-bit Microwire Memory
— S93662
– Internally Ties ORG Low
– 100% Compatible With all 8-bit
Implementations
– Sixteen Byte Page Write Capability
— S93663
– Internally Ties ORG High
– 100% Compatible With all 16-bit
Implementations
– Eight Word Page Write Capability
OVERVIEW
The S93662 and S93663 are precision power supervi-
sory circuits providing both active high and active low
reset outputs.
Both devices have 4k-bits of E2PROM memory that is
accessible via the industry standard microwire bus. The
S93662 is configured with an internal ORG pin tied low
providing a 8-bit byte organization and the S93663 is
configured with an internal ORG pin tied high providing
a 16-bit word organization. Both the S93662 and
S93663 have page write capability. The devices are
designed for a minimum 100,000 program/erase cycles
and have data retention in excess of 100 years.
BLOCK DIAGRAM
+
GND
VCC
8
5
RESET#
6
VTRIP
RESET
PULSE
GENERATOR
5kHz
OSCILLATOR
RESET
CONTROL
MODE
DECODE
ADDRESS
DECODER
WRITE
CONTROL
DATA I/O
E2PROM
MEMORY
ARRAY
RESET
7
1.26V
SK
2
DI
3
CS
1
2012 T BD 2.0
DO
4


Similar Part No. - S93662PBT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results

Similar Description - S93662PBT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
ON Semiconductor
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468 ONSEMI-ADT7468 Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com