Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCA-03-231M Datasheet(PDF) 1 Page - Abracon Corporation

Part # ATCA-03-231M
Description  LOW EMI TOROIDAL INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCA-03-231M Datasheet(HTML) 1 Page - Abracon Corporation

  ATCA-03-231M Datasheet HTML 1Page - Abracon Corporation ATCA-03-231M Datasheet HTML 2Page - Abracon Corporation ATCA-03-231M Datasheet HTML 3Page - Abracon Corporation ATCA-03-231M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LOW EMI TOROIDAL INDUCTORS
ATCA Series
Pb RoHS/RoHS II Compliant
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com
REVISED: 06/10/2016
STANDARD SPECIFICATIONS
FEATURES
APPLICATIONS
Part No. ATCA-01
Inductance Code
L(µH)
Tolerance
DCR(Ω)
IDC(A)
Dimension (mm)
E (dia.)
(%)
(max)
(max)
(Nom)
ATCA-01-200M
20
M
0.021
3.0
0.70
ATCA-01-300M
30
M
0.035
2.0
0.60
ATCA-01-600M
60
M
0.038
3.0
0.70
ATCA-01-680M
68
M
0.101
1.0
0.45
ATCA-01-101M
100
M
0.081
2.0
0.60
ATCA-01-221M
220
M
0.190
1.0
0.45
Part No. ATCA-02
Inductance Code
ATCA-02-220M
22
M
0.014
5.0
0.95
ATCA-02-290M
29
M
0.020
4.0
0.85
ATCA-02-350M
35
M
0.026
3.0
0.80
ATCA-02-580M
58
M
0.061
2.0
0.60
ATCA-02-900M
90
M
0.044
3.0
0.80
ATCA-02-111M
110
M
0.069
2.0
0.65
ATCA-02-131M
130
M
0.146
1.0
0.45
ATCA-02-471M
470
M
0.286
1.0
0.45
Part No. ATCA-03
Inductance Code
ATCA-03-250M
25
M
0.016
5.0
1.00
ATCA-03-320M
32
M
0.021
4.0
0.90
ATCA-03-430M
43
M
0.030
3.0
0.80
ATCA-03-650M
65
M
0.055
2.0
0.65
ATCA-03-111M
110
M
0.042
4.0
0.85
ATCA-03-131M
130
M
0.055
3.0
0.80
ATCA-03-151M
150
M
0.159
1.0
0.45
ATCA-03-231M
230
M
0.108
2.0
0.65
• Low EMI/RFI toroid topology
• High saturation current up to 10A
• High efficiency powered iron core
• Wide operating temperature range -40°C to 105°C
• Vertical and horizontal orientations optimize EMI/RFI
• Compatible with low cost through-hole assembly
• High power switch-mode power supplies
• High power LED ballasts
• Power line filters
• High power audio filters
• Solar inverters
• White goods
• Motor drivers


Similar Part No. - ATCA-03-231M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCA-03-231M ABRACON-ATCA-03-231M Datasheet
433Kb / 4P
   Solar inverters
06/10/2016
More results

Similar Description - ATCA-03-231M

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LCP1-3.00-2.2 TALEMA-LCP1-3.00-2.2 Datasheet
74Kb / 2P
   Miniature Low Cost Toroidal Inductors
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
   Radial Toroidal Inductors
2020-00K API-2020-00K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com