Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC84510 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC84510
Description  PS/2 SCROLLING MOUSE CONTROLIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC84510 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
9
The following describes valid command:
(a) Reset (FF)
SC84510 operation:
a Completion the reset.
b Transmitted FA, AA, 00 to the system.
c Set default:
sampling rate: 100 reports/s
non-auto-speed
stream mode
2 dots/count
disable
(b) Resend (FE)
a. Any time SC84510 receives an invalid command; it returns a Resend command to the system.
b. When SC84510 receives a Resend command, it retransmits its last packet of data. If the last packet was
a Resend command, it transmits the packet just prior to the Resend command.
c. In stream mode if a Resend command is received by SC84510 immediately following a 3-byte data
packet transmission to the system.
(c) Set Default (F6)
The command reinitializes all conditions to the power-on defaults.
(d) Disable (F5)
This command is used in the stream mode to stop transmissions from SC84510.
(e) Enable (F4)
Begins transmissions, if in stream mode.
(f) Set Sampling Rate (F3, XX)
In the stream mode, this command sets the sampling rate to the value indicated by byte hex XX, shown in
following:
Second byte XX
Sample Rate
0A
10/sec
14
20/sec
28
40/sec
3C
60/sec
50
80/sec
64
100/sec
C8
200/sec


Similar Part No. - SC84510

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC84502 SILAN-SC84502 Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
SC84502BP SILAN-SC84502BP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
   TWO IN ONE SCROLLING MOUSE CONTROLLER
More results

Similar Description - SC84510

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
   2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
   PS/2 MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
   PS/2 OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com